Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 194 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 194 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 190Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 191Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 193Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 195Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 198Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 512 page
background image
Chapter 10 DMA Controller
10-18
dual-address burst transfer mode, the data is temporarily read into the internal 8-word buffer. This
buffer can be shared between multiple active channels, provided that each channel takes care of the data
in the buffer during the current bus transaction. If a channel leaves any data in the buffer, it might get
overwritten by new data read from another channel during the next bus transaction. (Refer to "10.4.10
Notes on Using the DMAC FIFO.")
For dual-address transfers with a transfer size of four or eight words, the addresses of data being
transferred may not be aligned on a modulo-4 or modulo-8 word boundary. If the addresses are
misaligned, the DMAC will recognize the situation and read the data in groups of words using single
transfers until the contents of the Source Address Register is on a modulo-4 word boundary, or the
Count Register decrements to zero, or the amount of data equal to the transfer size is stored in the
buffer. Single-transfers also occur on the destination side if the destination address is not properly
aligned. Such single reads and writes can take place at the beginning and end of a DMA transfer when
dual-address bursting is enabled. Once the address is on a word boundary, the DMAC performs a burst
transfer.
When the source address is modulo-4 word aligned and there are at least four words left to read, the
DMAC executes a burst read, placing them into the buffer. The burst size will be eight words if the
transfer size is programmed as eight words, AND the source address is modulo-8 word aligned, AND
there are at least eight words left to transfer, AND the buffer is empty. If any of these conditions is not
met, the burst size will be four words. For the last data that is misaligned or short of the burst size,
single transfers will be used. The DMAC will never read or write an unintended word; it always honors
the programmer’s specifications. The DMAC will perform bursts only when the address is aligned to
the burst size.
In dual-address transfer mode, burst reads take place when all of the following conditions are
satisfied.
(1) 8-word burst reads
•
The transfer size is eight words.
•
The source address is aligned on a modulo-8 word boundary.
•
There are at least eight words left to read.
•
The FIFO is enabled.
•
The FIFO is empty.
(2) 4-word burst reads
•
The transfer size is four or eight words.
•
The source address is aligned on a modulo-4 word boundary.
•
There are at least four words left to read.
•
The FIFO is enabled.
•
The FIFO has empty space for four words.
When any of the following conditions are detected, the DMAC uses 4-word burst reads even when
the transfer size is programmed as eight words:
•
The source address is aligned on an odd 4-word boundary.
•
There are four or more words of data left to read, but less than eight words.
•
The FIFO has empty space only for four words.
The write phase of a dual-address transfer follows the same basic steps as the read phase. The data is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com