Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 198 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 198 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 195Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 202Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 512 page
background image
Chapter 10 DMA Controller
10-22
10.4.6
Restrictions on Dual-Address Burst Transfers
Dual-address mode has more restrictions than single-address mode for using burst transfers.
Generally in dual-address mode, burst operations must occur with an address increment of four (even
when bursting to SDRAM). If the source or destination address increment is not four, single transfers
need to be used.
Another restriction on using burst transfers in dual-address mode is that the address must come to be
aligned on the burst size at least once as it is incremented. This is not required in single-address mode.
This restriction is part of the conditions required for the DMAC to successfully terminate burst
transfers. Here too, using the standard increment value (4 bytes) causes no problem.
The TX3927 DMAC contains separate burst inhibit bits for source and destination addresses per
channel. If the source or destination burst inhibit bit is set, the DMAC performs single transfers during
source read or destination write cycles, respectively, even if 4- or 8-word burst transfers are specified
with proper address alignment and increments. This helps to avoid violating the above restrictions when
the address increment is not the standard 4 bytes.
When the DMA Channel is programmed to perform dual-address transfers with 4-word bursts, a
DMA request (DMAREQ) will never cause more than four words to be read at a time, whereas
situations in which five or more words are written from the internal FIFO buffer to the destination exist.
This is because five or more words may be buffered in the FIFO during the course of a DMA transfer
due to differing alignments between the source and destination addresses. In response to the last
DMAREQ request, the DMAC reads the last one to four words into the FIFO and then writes the entire
contents of the FIFO (one to seven words) to the destination. The FIFO is eight-word deep; due to
programmability limitation of the DMAC, the maximum burst size in dual-address mode is eight words.
10.4.7
DMA Transfers with On-Chip I/O Peripherals
DMA transfers to and from on-chip peripherals can only occur in dual-address mode. Single-address
mode is not supported.
When the TX3927 is acting as a PCI initiator, DMA transfers with memory devices on the PCI bus
take place via the PCI Controller (PCIC). The initiator interface must be programmed with dual-address
mode. When the TX3927 is a PCI target, the PCIC takes over DMA transfers without using the DMAC.
When the TX3927 is the PCI initiator, the DMAC cannot perform burst transfers to the PCIC.
Therefore, bits 26 (DBINH) and 25 (SBINH) of the Channel Control Register (CCRn) must be set to 1
to inhibit bursts. For example, when the TX3927 transfers data between SDRAM and a device on the
PCI bus as an initiator, burst transfers can occur from the source SDRAM, but not to the destination
device; thus the Channel Control Register must be programmed as CCRn.DBINH=1 and
CCRn.SBINH=0. Because burst transfers use the FIFO in the DMAC, the FIFO must be enabled for the
relevant channel by setting its FIFUM bit of the Master Control Register (MCR).
The TX3927 supports the use of SIO ports as DMA requesters. For details, refer to "13.4.19 DMA
Transfer Mode."



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com