Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 201 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 201 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 202Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 203Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 204Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 205Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 512 page
background image
Chapter 10 DMA Controller
10-25
Example 2: DMA operation where three words of data is left in the FIFO temporarily
Program settings:
• 4-word transfer size
• SAR: 0x00800008
• DAR: 0x00800104
Operation:
(1) First DMA transfer
a. Because the source address 0x00800008 is not aligned to a 4-word boundary, the DMAC
performs single reads for the first words; i.e., until a 4-word boundary is reached
(immediately before 0x00800010).
b.Because the destination address 0x00800104 is not aligned to a 4-word boundary, the
DMAC attempts to perform single writes for three words up to a 4-word boundary
(immediately before 0x00800110). However, because only two words of data are present in
the FIFO, the DMAC writes two words and stops short of a 4-word boundary. Therefore,
no data remains in the FIFO.
(2) Second DMA transfer
a. Because 0x00800010 is aligned to a 4-word boundary, the DMAC performs a burst read for
the next four words.
b.Because 0x0080010c is not aligned to a 4-word boundary, the DMAC performs a single
write for one word until a 4-word boundary is reached (immediately before 0x00800110).
Consequently, three words of data is left in the FIFO.
(3) Third DMA transfer
a. Because 0x00800020 is aligned to a 4-word boundary, the DMAC performs a burst read for
the next four words.
b.Because 0x00800110 is aligned to a 4-word boundary, the DMAC performs a burst write
for the four words.
(4) Third and subsequent DMA transfers
Same as (3).
Read
Write
0x00800008
0x00800104
0x0080000c
0x00800108
←
First write:
Write the data present in the FIFO.
First read:
Up to a 4-word boundary
→ 0x00800010
0x0080010c
←
0x00800014
0x00800110
Second write:
Up to a 4-word boundary
0x00800018
0x00800114
0x0080001c
0x00800118
→ 0x00800020
0x0080011c
←
Third write:
Burst-write up to a 4-word boundary
Second read:
Burst-read up to a 4-word
boundary
0x00800024
0x00800120
0x00800028
0x00800124
0x0080002c
0x00800128
3 words left in the FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com