Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 197 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 197 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 193Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 195Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 201Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 512 page
background image
Chapter 10 DMA Controller
10-21
In non-burst dual-address transfer mode, each time the DMAC is granted bus mastership, one read
bus cycle and one write bus cycle are executed. In this mode of operation, when DMADONE* is
asserted externally, the channel will stop after both the read and write bus cycles have been completed.
Dual-address burst transfers are not so straightforword because each time the DMAC assumes bus
mastership, multiple read and write cycles may be executed. This could give rise to situations where the
DMAC is forced to relinquish the bus while valid data still remains in the FIFO buffer. Once the
Transfer Active (CCRn.XTACT) bit is cleared in response to the external DMADONE* signal, no more
reads will occur, but as long as DMADONE* is asserted during a read bus cycle, the DMAC will
properly take care of the corresponding write cycle before terminating the DMA transfer.
However, should the assertion of DMADONE* be delayed until a write cycle, the channel will stop
immediately after the current write cycle. Therefore, a DMA transfer requiring multiple write bus cycles
will end prematurely while partial data remains in the FIFO buffer. It must be noted that this data can be
retrieved later only when it is left intact until the channel regains bus mastership. This is possible only
when the FIFO buffer is dedicated for use by that channel. If this is the case, then the channel’s registers
can be examined via software to determine where to deliver the data remaining in the FIFO buffer.
When DMADONE* is programmed as bidrectional, it is configured as an open-drain output when
that channel is active. Therefore, the DMADONE* requires an external pull-up resistor. In all other
respects, the pin function is exactly the same as described above. Simultaneous assertion of
DMADONE* by external logic and the TX3927 causes the External Done Asserted bit in the Channel
Status Register (CSRn.EXTDN) to be set.
10.4.5
Restrictions on Non-standard Increment Values
The TX3927 DMAC provides a great flexibility in defining address increment values to support
various kinds of DMA transfers. However, burst DMA transfers have restrictions. When the transfer
size is programmed to 8, 16 or 32 bits (or non-burst transfers), the source and destination address
increments have no particular restrictions except alignment requirements. For a transfer size of 8 bits,
there is no restriction on increment values. For a transfer size of 16 bits, address increment values must
be even (i.e., the least-significant bit must be 0). For a transfer size of 32 bits, address increment value
must be an integer multiple of four (i.e., the two least-significant bits must be 0). After each DMA
transfer, the increment values programmed in the SAIn and DAIn registers are sign-extended and added
to the current source and destination addresses respectively. For example, it is possible to read every
third word in one memory and write them to every fifth word location in another memory.
The situation is more complicated for burst transfers. For single-address burst operations, the DMAC
calculates the address using the value of the Source Address Increment Register for each transfer of a
word and places the address on the internal bus. However, the on-chip ROM and SDRAM Controllers
automatically increment addresses internally to improve the burst performance. Because the ROM
Controller can handle addresses in increments of four during bursts, single-address burst DMA transfers
can not be executed properly, if the source address increment is not four.
The SDRAM Controller supports unsigned increment values from 0 to 255 words (0 to 1020 bytes).
Therefore, high-speed burst capability of SDRAM devices is available only for a sequence of addresses
with an equal row address. This means most address increment values possible with the DMAC are
compatible only with non-burst SDRAM operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com