Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 196 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 196 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 193Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 195Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 200Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 512 page
background image
Chapter 10 DMA Controller
10-20
10.4.3
Single-Address Transfers
During the single-address read cycle, the DMAC controls the transfer of data from memory to an I/O
device. The DMAC reads data from the address specified in the Source Address Register, but does not
buffer the transferred data. The off-chip I/O device must use the ACK* signal as a read strobe and
captures the data on the rising edge of the clock where ACK* is asserted.
During the single-address write cycle, the DMAC controls the transfer of data from an I/O device to
memory. The DMAC writes the data to the address specified in the Source Address Register. The
DMAC asserts ACK* to indicate to the off-chip I/O device that a request is now being serviced. The I/O
device must place data on the data bus when it receives the DMAACK* signal.
For burst write transfers, the off-chip device must supply the next data within two clock cycles after
ACK* is asserted. This process continues until the burst is complete. There is no way to slow down the
memory operation for DMA transfers; so the system designer must ensure that any off-chip device that
will participate in single-address DMA transfers can keep up with the memory access rate.
Note:
The TX3927 does not drive the data bus during single-address mode DMA transfers.
10.4.4
DMA Channel Termination by the External DMADONE* Input
The DMADONE* pin can be configured as an input, output, bidirectional or don't-care pin on a per
channel basis. When channel is programmed to use the DMADONE* pin, DMADONE* responds to the
DMAACK signal. If DMADONE* is configured as don't-care for all active channels, it can be used for
its alternate function, or timer output (TIMER[0]).
When DMADONE* is programmed as an output for a channel, it is asserted low by the TX3927
when the channel completes a DMA transfer or the entire chained transfers, depending on the setting of
the Chain Done bit (CHDN) in the Channel Control Register (CCRn).
DMADONE* will be asserted for one clock cycle, coincident with the last clock cycle where
DMAACK is asserted. If the Chain Done bit is set, DMADONE* will be asserted when DMAACK is
asserted for completion of the chained transfer. In that case, no more DMA transfer takes place until the
channel is reprogrammed.
If the Chain Done bit is cleared, DMADONE* will be asserted when DMAACK is asserted at the end
of each DMA transfer. If the Chain Enable bit is set, the DMAC will reload the channel’s registers from
the address pointed to by the Chain Address Register (CHARn), so the channel will chain.
When DMADONE* is programmed as an input for a channel, the external device can assert it (low)
to terminate the entire DMA transfer while DMAACK is asserted. Even if chaining is enabled, the
chained transfers stop, regardless of the setting of the Chain Done bit in the Channel Control Register
(CCRn.CHDN). It takes three clock cycles for the DMAC to inhibit further DMA operations after the
assertion of DMADONE*. The ongoing DMA bus cycle, whether single or burst, is not discontinued.
In single-address transfer mode, each time the DMAC acquires bus mastership, exactly one bus cycle
is executed. Thus, it is clear when the DMA transfer terminates. That is, the channel will stop once the
current transfer completes, (provided the Count Register has reached 0 with the Chain Done bit
cleared). If the Count Register has not decremented to 0, the DMAC regains bus mastership and
executes the next single-address transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com