Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 200 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 200 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 202Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 203Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 204Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 512 page
background image
Chapter 10 DMA Controller
10-24
10.4.10 Notes on Using the DMAC FIFO
When the data transfer size is programmed to more than one word, the DMAC attempts to use burst
transfers to improve data throughput. For burst transfers to occur, addresses must be aligned on a
boundary equal to the data transfer size. If this condition is not satisfied, the DMAC only transfers data
up to the boundary in the first DMA transaction. Thus, the number of transferred words will be less than
the programmed transfer size.
If the source and destination addresses have disparate word alignments, partial data is temporarily
buffered in the FIFO. Because the FIFO can be shared by multiple channels, the data in the FIFO may
be overwritten. To prevent this situation, the source and destination addresses must be properly aligned
to the same-sized boundary.
Example 1: DMA operations where one word of data is left in the FIFO temporarily
Program settings:
• 4-word transfer size
• SAR: 0x00800004
• DAR: 0x00800108
Operation:
(1) First DMA transfer
a. Because the source address 0x00800004 is not aligned to a 4-word boundary, the DMAC
performs single reads for the first three words, until a 4-word boundary is reached
(immediately before 0x00800010).
b.Because the destination address 0x00800108 is not aligned to a 4-word boundary, the
DMAC performs single writes for the first two words; i.e., until a 4-word boundary is
reached (immediately before 0x00800110). Consequently, one word of data is left in the
FIFO.
(2) Second DMA transfer
a. Because 0x00800010 is aligned to a 4-word boundary, the DMAC performs a burst read for
the next four words.
b.Because 0x00800110 is aligned to a 4-word boundary, the DMAC performs a 4 words burst
write.
(3) Third and subsequent DMA transfers
Same as (2).
Read
Write
0x00800004
0x00800108
0x00800008
0x0080010c
←
First read:
Up to a 4-word boundary
→
0x0080000c
0x00800110
First write:
Up to a 4-word boundary
0x00800010
0x00800114
0x00800014
0x00800118
0x00800018
0x0080011c
←
→
0x0080001c
0x00800120
Second write:
Burst-write up to a 4-word boundary
Second read:
Burst-read up to a 4-word
boundary
0x00800020
0x00800124
0x00800024
0x00800128
0x00800028
0x0080012c
1 word left in the FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com