Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 294 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 294 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 290Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 291Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 292Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 293Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 294Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 295Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 296Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 297Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 298Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-44
12.3.4.7 PCI Read Retry Discard Timer Register (PCIRRDT)
0xFFFE_D0A8 (+0a8)
31
16
0
: Type
: Initial value
15
14
0
0
PCIRRDT
R/W
: Type
0x7FFF
: Initial value
Bits
Mnemonic
Field Name
Description
14:0
PCIRRDT
PCI Read Retry
Discard Timer
PCI Read Retry Discard Timer (initial value: 0x7FFF)
Defines the period of time (as the number of PCICLK cycles) in which the bus
master can retry a read transaction. At the beginning of an outbound delayed
transaction, the discard timer is loaded with this value and starts counting down.
The bus master is required to retry a delayed transaction before the timer expires.
Otherwise, the PCI target module will discard the data in the FIFO. When the
discard timer expires, the PCI Read Discard Timer Time-Out (PRDTO) bit in the
TSTAT register is set.
Figure 12.3.33 PCI Read Retry Discard Timer Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com