Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 290 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 290 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 286Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 287Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 288Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 289Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 290Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 291Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 292Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 293Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 294Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-40
12.3.4.4 Target Interrupt Mask Register (TIM)
0xFFFE_D098 (+098)
Each bit in this register has a corresponding bit in the Target Status (TSTAT) register. Setting a
bit in the TSTAT register triggers an interrupt if the corresponding enable bit in this register is set.
31
0
18
17
16
SCRIE OROIE
R/W
R/W : Type
0
0
: Initial value
15
14
13
12
11
10
9876
5
4
3210
IROIE
ODOIE
IDOIE
OAOIE
IAOIE
PDTIE
TASIE
OFBIE
OFFIE
IFFIE
OFEIE
IFEIE
OFOIE
IFOIE
OFUIE
IFUIE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
0
0000
00000
0
0
0000
: Initial value
Bits
Mnemonic
Field Name
Description
17
SCRIE
Special-Cycle
Received
Interrupt Enable
Special-Cycle Received Interrupt Enable (initial value: 0)
1: An interrupt request is generated if the TSTAT.SPCYR bit is set.
0: An interrupt request is not generated even if the TSTAT.SPCYR bit is set.
16
OROIE
OFIFO Retry
Occurred
Interrupt Enable
OFIFO Retry Occurred Interrupt Enable (initial value: 0)
1: An interrupt request is generated if the TSTAT.OFREO bit is set.
0: An interrupt request is not generated even if the TSTAT.OFREO bit is set.
15
IROIE
IFIFO Retry
Occurred
Interrupt Enable
IFIFO Retry Occurred Interrupt Enable (initial value: 0)
1: An interrupt request is generated if the TSTAT.IFREO bit is set.
0: An interrupt request is not generated even if the TSTAT.IFREO bit is set.
14
ODOIE
OFIFO
Disconnect
Occurred
Interrupt Enable
OFIFO Disconnect Occurred Interrupt Enable (initial value: 0)
1: An interrupt request is generated if the TSTAT.OFDIO bit is set.
0: An interrupt request is not generated even if the TSTAT.OFDIO bit is set.
13
IDOIE
IFIFO Disconnect
Occurred
Interrupt Enable
IFIFO Disconnect Occurred Interrupt Enable (initial value: 0)
1: An interrupt request is generated if the TSTAT.IFDIO bit is set.
0: An interrupt request is not generated even if the TSTAT.IFDIO bit is set.
12
OAOIE
OFIFO Abort
Occurred
Interrupt Enable
OFIFO Abort Occurred Interrupt Enable (initial value: 0)
1: An interrupt request is generated if the TSTAT.OFABO bit is set.
0: An interrupt request is not generated even if the TSTAT.OFABO bit is set.
11
IAOIE
IFIFO Abort
Occurred
Interrupt Enable
IFIFO Abort Occurred Interrupt Enable (initial value: 0)
1: An interrupt request is generated if the TSTAT.IFABO bit is set.
0: An interrupt request is not generated even if the TSTAT.IFABO bit is set.
10
PDTIE
PCI Read
Discard Timer
Time-Out
Interrupt Enable
PCI Read Discard Timer Time-Out Interrupt Enable (initial value: 0)
1: An interrupt request is generated if the TSTAT.PRDTO bit is set.
0: An interrupt request is not generated even if the TSTAT.PRDTO bit is set.
9TASIE
Target Selected
Interrupt Enable
Target Selected Interrupt Enable (initial value: 0)
1: An interrupt request is generated if the TSTAT.TASEL bit is set.
0: An interrupt request is not generated even if the TSTAT.TASEL bit is set.
8
OFBIE
Outbound (Read)
FIFO Busy
Interrupt Enable
Outbound (Read) FIFO Busy Interrupt Enable (initial value: 0)
1: An interrupt request is generated if the TSTAT.OBFBS bit is set.
0: An interrupt request is not generated even if the TSTAT.OBFBS bit is set.
7
OFFIE
Outbound FIFO
Full
Outbound FIFO Full (initial value: 0)
1: An interrupt request is generated if the TSTAT.OBFFL bit is set.
0: An interrupt request is not generated even if the TSTAT.OBFFL bit is set.
6IFFIE
Inbound FIFO
Full Interrupt
Enable
Inbound FIFO Full Interrupt Enable (initial value: 0)
1: An interrupt request is generated if the TSTAT.IBFFL bit is set.
0: An interrupt request is not generated even if the TSTAT.IBFFL bit is set.
Figure 12.3.30 Target Interrupt Mask Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com