Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 288 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 288 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 284Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 285Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 286Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 287Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 288Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 289Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 290Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 291Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 292Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-38
Bits
Mnemonic
Field Name
Description
9
TASEL
Target Selected
Target Selected (initial value: 0)
This bit indicates the state of the PCIC DEVSEL* signal.
The bit is set when PCIC is selected as a target.
The bit is automatically cleared when the transaction terminates (i.e., FRAME* is
deasserted). The local host can read the Target Current Command (TCCMD)
register to find which PCI command is being executed.
8
OBFBS
Outbound FIFO
Busy
Outbound (PCI Read) FIFO Busy (initial value: 0)
This bit is set when the target is selected with a memory or I/O read command and
remains set until the master terminates the transaction (i.e., until completion of the
current PCI command).
When the OBFBS bit is set, subsequent outbound memory or I/O commands
(C_BE0*=0) are not latched into the PCI Read Retry Tag (PCIRRT) register.
7
OBFFL
Outbound FIFO
Full
Outbound FIFO Full Flag (initial value: 0)
1: The OFIFO is full.
0: The OFIFO is not full.
6
IBFFL
Inbound FIFO
Full
Inbound FIFO Full Flag (initial value: 0)
1: The IFIFO is full.
0: The IFIFO is not full.
5
OBFEM
Outbound FIFO
Empty
Outbound FIFO Empty Flag (initial value: 0)
1: The OFIFO is empty.
0: The OFIFO is not empty.
4
IBFEM
Inbound FIFO
Empty
Inbound FIFO Empty Flag (initial value: 0)
1: The IFIFO is empty.
0: The IFIFO is not empty.
3OBFOV
Outbound FIFO
Overrun
Outbound FIFO Overrun Flag (initial value: 0)
This bit is set if an attempt is made to write to the OFIFO when the Outbound FIFO
Full (OBFFL) bit is set. The data is corrupted; the TX39/H2 core should send either
the SERR* signaling or software-triggered the PCI bus master target-abort. An
interrupt is generated if the corresponding Target Interrupt Enable bit is set.
2
IBFOV
Inbound FIFO
Overrun
Inbound FIFO Overrun Flag (initial value: 0)
This bit is set if an attempt is made to write to the IFIFO when the Outbound FIFO
Full (IBFFL) bit is set. The data is corrupted; the TX39/H2 core should send either
the SERR* signaling or software-triggered target-abort to the PCI bus master. An
interrupt is generated if the corresponding target interrupt enable bit is set.
1
OBFUN
Outbound FIFO
Underrun
Outbound FIFO Underrun Flag (initial value: 0)
This bit is set if an attempt is made to read from the OFIFO when the Outbound
FIFO Empty (OBFEM) bit is set. The data is corrupted; the TX39/H2 core should
send either the SERR* signaling or software-triggered target-abort to the PCI bus
master. An interrupt is generated if the corresponding target interrupt enable bit is
set.
0IBFUN
Inbound FIFO
Underrun
Inbound FIFO Underrun Flag (initial value: 0)
This bit is set by an attempt is made to read from the IFIFO when the Inbound FIFO
Empty (IBFEM) bit is set. The data is corrupted; the TX39/H2 core should send
either the SERR* signaling or software-triggered target-abort to the PCI bus master.
An interrupt is generated if the corresponding target interrupt enable bit is set.
Figure 12.3.28 Target Status Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com