Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 284 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 284 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 280Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 281Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 282Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 283Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 284Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 285Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 286Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 287Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 288Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-34
12.
PCI C ontroll er (PCIC)
12.3
12.3.4
Target Configuration Space registers
12.3.4.1 Target Control Register (TC)
0xFFFE_D090 (+090)
31
20
19
18
17
16
0
OFCAD OFNTE IFNTE
ISPRE
R/W
R/W
R/W
R/W : Type
000
0
: Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FTRED
FTA
0
OFPFO SWGSE TOBFR TIBFR OFARD IFARD
0
OF16E
IF8E
OF8E DOBDT
0
IF16D
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
0
0
00
00
00
00
00
0
: Initial value
Bits
Mnemonic
Field Name
Description
19
OFCAD
OFIFO Caching
Disable
OFIFO Caching Capability Disable (initial value: 0)
Controls the OFIFO data cache. When the PCIC is acting as a target, this bit must
be set when the Single Burst transactions are enabled (OFPFO=0).
1: Unused OFIFO data is discarded after a PCI transaction is completed.
0: Unused OFIFO data is retained. If the next PCI read requires data already in the
OFIFO, then the data is returned immediately. Otherwise, the OFIFO is reset
(i.e., the OFIFO is flushed) and the new data is fetched via the local bus. If a PCI
write address to the IFIFO falls within the range of addresses of data currently in
the OFIFO, then the OFIFO is reset (in order to prevent the OFIFO from returning
stale data that has been changed after being read).
18
OFNTE
OFIFO 16/8
Clocks Never
Time-Out Enable
OFIFO 16/8 Clocks Never Time-Out Enable (initial value: 0)
Specifies whether to observe the PCI 8- and 16-clock rules.
When the PCIC is acting as a target, bits [7:4] in the Target Burst Length (TBL)
register must not be programmed to "01xx" or "1x1x" when this bit is set.
1: When the OFIFO 16-clock rule is enabled (OF16E=1), the OFIFO will not time
out according to the PCI 16-clock rule for the first data phase. When the OFIFO
8-clock rule is enabled (OF8E=1), the OFIFO will not time out according to the
PCI 8-clock rule for a subsequent data phase. In either case, the target does not
issue a retry or disconnect to the PCI initiator.
0: If the OFIFO 16/8-clock rule is enabled (OF16E=1 / OF8E=1), the OFIFO will
observe the 16/8-clock rule and will issue a retry or disconnect to the PCI initiator
when a time-out occurs.
17
IFNTE
IFIFO 8 Clocks
Never Time-Out
Enable
IFIFO 8 Clocks Never Time-Out Enable (initial value: 0)
1: When the IFIFO 8-clock rule is enabled (IF8E=1), the IFIFO will ignore the PCI 8-
clock rule and will not issue a disconnect to the PCI initiator even when a time-
out occurs.
0: When the IFIFO 8-clock rule is enabled, the IFIFO will observe the PCI 8-clock
rule and will issue a disconnect to the PCI initiator when a time-out occurs.
16
ISPRE
I/O Space
Prefetch Enable
I/O Space Prefetch Enable (initial value: 0)
1: I/O space is prefetchable. The I/O read and I/O write commands are treated the
same as the memory read and memory write commands.
0: I/O space is not prefetchable.
15
FTRED
Force Target
Retry/Disconnect
Force Target Retry/Disconnect (initial value: 0)
This bit allows software to terminate the current transaction. It is useful when the
host system is ready to shut down and wants to force the PCI target to terminate
the current transaction.
1: Causes the PCIC target module to generate a retry termination (if no data has
been transferred) or a disconnect termination (if some data has been
transferred). This bit is automatically cleared on transaction termination.
0: Writing a 0 to this bit has no effect.
Figure 12.3.27 Target Control Register (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com