Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 280 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 280 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 276Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 277Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 278Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 279Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 280Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 281Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 282Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 283Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 284Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-30
12.3.3.4
Initiator PCI Bus Memory Mapping Address Register (IPBMMAR) 0xFFFE_D05C (+05c)
31
16
IPBMMA
R/W
: Type
0x0000
: Initial value
15
43
0
IPBMMA
0
R/W
: Type
0x000
: Initial value
Bits
Mnemonic
Field Name
Description
31:4
IPBMMA
Initiator PCI Bus
Memory Mapping
Address
Initiator PCI Bus Memory Mapping Address (initial value: 0x0000000)
This register is used to decode a local-to-PCI memory access for a direct initiator
memory cycle. It specifies the start address of a PCI memory address region. The
range of the memory region is programmed by the Initiator Memory Mapping
Address Size (MMAS) register. In local-to-PCI address translation, high-order bits of
the local bus (G-Bus) address is replaced by the corresponding bits in this register
and concatenated with the remaining low-order bits of the G-Bus address.
This register is used for PCI memory read and PCI memory write commands.
Because the IPBMMAR is internally masked by the MMAS, the MMAS must be
programmed before programming the IPBMMAR.
Figure 12.3.23 Initiator PCI Bus Memory Mapping Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com