Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 281 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 281 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 277Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 278Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 279Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 280Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 281Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 282Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 283Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 284Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 285Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-31
12.3.3.5
Initiator PCI Bus I/O Mapping Address Register (IPBIOMAR)
0xFFFE_D060 (+060)
31
16
IPBIOMA
R/W
: Type
0x0000
: Initial value
15
21
0
IPBIOMA
0
R/W
: Type
0x000
: Initial value
Bits
Mnemonic
Field Name
Description
31:2
IPBIOMA
Initiator PCI Bus
I/O Mapping
Address
Initiator PCI Bus I/O Mapping Address (initial value: 0x00000000)
This register is used to decode a local-to-PCI I/O access for a direct initiator
memory cycle. It specifies the start address of a PCI I/O address region. The range
of the I/O space is programmed by the Initiator I/O Mapping Address Size (IOMAS)
register. In local-to-PCI address translation, high-order bits of the local bus (G-Bus)
address is replaced by the corresponding bits in this register and concatenated with
the remaining low-order bits of the G-Bus address.
This register is used for PCI I/O read and PCI I/O write commands. Because the
IPBIOMAR is internally masked by the IOMAS, the IOMAS must be programmed
before programming the IPBIOMAR.
Figure 12.3.24 Initiator PCI Bus I/O Mapping Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com