Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 285 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 285 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 281Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 282Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 283Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 284Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 285Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 286Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 287Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 288Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 289Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-35
Bits
Mnemonic
Field Name
Description
14
FTA
Force Target-
Abort
Force Target-Abort (initial value: 0)
This bit allows software to abort the transaction. It is useful when the host system
wants to force the PCI target to terminate the current PCI transaction.
1: Causes the PCIC target module to generate a target-abort termination. This bit is
automatically cleared at the end of the operation.
0: Writing a 0 to this bit has no effect.
12
OFPFO
Single Burst
Disable
Single Burst Enable (initial value: 0)
When the PCIC is acting as a target, this bit must be set when OFIFO caching is
enabled (OFCAD=0).
1: The OFIFO performs only one read transaction on the local bus. The burst-read
size is determined by the Target Burst Length (TBL) register.
0: Allows data streaming from the local bus. The OFIFO accepts data from the local
bus as long as it is not full, or until the entire PCI transaction completes. While
the PCI transaction is in progress or a subsequent PCI transaction is in progress
(provided OFIFO caching is enabled by OFCAE=0), the OFIFO sustains the
streaming from the local bus as long as there is room for the next burst data in
the OFIFO (the size of which is programmed in the Target Burst Length register).
11
SWGSE
Software-
Generated
System Error
Enable
Software-Generated System Error (initial value: 0)
1: If the SERR Enable (SEEN) bit of the PCI Command register is set, writing a 1 to
this bit cause the SERR* signal to be asserted.
0: Writing a 0 to this bit has no effect.
10
TOBFR
Target Outbound
FIFO Reset
Target Outbound FIFO Reset (initial value: 0)
Once this bit is set, it remains set until a 0 is written.
1: Resets the target OFIFO.
0: Activates the target OFIFO.
9
TIBFR
Target Inbound
FIFO Reset
Target Inbound FIFO Reset
Once this bit is set, it remains set until a 0 is written.
1: Resets the target IFIFO.
0: Activates the target IFIFO.
8
OFARD
OFIFO Address
Range Check
Disable
OFIFO Address Range Check Disable (initial value: 0)
The target memory base address (MBA) and target I/O base address (IOBA)
specify the location of the PCIC address space. The last four D-words of this space
are reserved for the PCIC and must not be accessed. If this bit is cleared, the PCIC
might issue a target-abort command or the initiator might issue a master-abort
command, if an attempt is made by an external PCI bus master to access
addresses outside the defined PCI address space or to access the reserved area.
For details, see Section 19.14.
1: Disables OFIFO address range checking.
0: Enables OFIFO address range checking.
7
IFARD
IFIFO Address
Range Check
Disable
IFIFO Address Range Check Disable (initial value: 0)
The target memory base address (MBA) and target I/O base address (IOBA)
specify the location of the PCIC address space. The last four D-words of this space
are reserved for the PCIC and must not be accessed. If this bit is cleared, the PCIC
might issue a target-abort command or the initiator might issue a master-abort
command, if an attempt is made by an external PCI bus master to access
addresses outside the defined PCI address space or to access the reserved area.
For details, see Section 19.14.
1: Disables IFIFO address range checking.
0: Enables IFIFO address range checking.
Figure 12.3.27 Target Control Register (2/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com