Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 286 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 286 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 282Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 283Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 284Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 285Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 286Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 287Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 288Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 289Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 290Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-36
Bits
Mnemonic
Field Name
Description
5
OF16E
OFIFO 16-Clocks
Rule Enable
OFIFO (PCI Read) 16-Clock Rule Enable (initial value: 0)
Controls the PCIC operation regarding the OFIFO 16-clock rule.
1: If the OFIFO is not ready to send out the first data of a burst in response to a
master read request within 16 PCI clock cycles, the PCIC target module issues a
retry to the PCI bus master. (This mode is for fast memory devices capable of
delivering the first read data to the PCI bus within 16 PCI clock cycles.)
0: If the OFIFO is not ready, the PCIC target module immediately issues a retry to
the PCI bus master. (This mode is for slow memory devices that are not able to
deliver the first read data to the PCI bus within 16 PCI clock cycles.)
In either case, the PCI master is required to retry the transaction before the OFIFO
discard timer expires or the transaction is discarded.
4IF8E
IFIFO 8-Clock
Rule Enable
IFIFO (PCI Write) 8-Clock Rule Enable (initial value: 0)
1: Enables target IFIFO 8-clock rule checking.
0: Disables target IFIFO 8-clock rule checking. (Don't use.)
This bit must be set when the PCIC is acting as a target. Otherwise, unnecessary
STOP signals might be asserted.
3
OF8E
OFIFO 8-Clock
Rule Enable
OFIFO (PCI Read) 8-Clock Rule Enable (initial value: 0)
1: Enables target OFIFO 8-clock rule checking.
0: Disables target OFIFO 8-clock rule checking. (Don't use.)
This bit must be set when the PCIC is acting as a target. Otherwise, unnecessary
STOP signals might be asserted.
2
DOBDT
Disable Outbound
Discard Timer
Disable Outbound (Read) Discard Timer (initial value: 0)
1: Disables the read discard timer.
0: Enables the read discard timer.
0
IF16D
IFIFO 16-Clock
Rule Disable
IFIFO (Write) 16-Clock Rule Disable (initial value: 0)
1: The target immediately requests the PCI bus master to retry the transaction if the
IFIFO is not ready.
0: The target waits for 16 PCI clock cycles before requesting the PCI initiator to
retry the transaction when the IFIFO is not ready (i.e., the previous transaction
has not been completed on the local bus).
Figure 12.3.27 Target Control Register (3/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com