Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 287 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 287 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 283Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 284Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 285Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 286Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 287Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 288Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 289Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 290Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 291Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-37
12.3.4.2 Target Status Register (TSTAT)
0xFFFE_D094 (+094)
Each bit in this register corresponds to an enable bit in the Target Interrupt Mask (TIM) register.
Setting a bit in this register triggers an interrupt if the corresponding TIM register bit is set.
31
18
17
16
0
SPCYR OFREO
R/WC R/WC : Type
00
: Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IFREO OFDIO
IFDIO OFABO IFABO PRDTO TASEL OBFBS OBFFL
IBFFL OBFEM IBFEM OBFOV IBFOV OBFUN IBFUN
R/WC R/WC R/WC R/WC R/WC R/WC
RRRR
R/WC R/WC R/WC R/WC R/WC R/WC : Type
0
000000
0
0
011000
0
: Initial value
Bits
Mnemonic
Field Name
Description
17
SPCYR
Special-Cycle
Received
Special-Cycle Received (initial value: 0)
This bit is set when special-cycle data is received.
1: Special-cycle data has been received.
0: Special-cycle data has not been received.
16
OFREO
OFIFO Retry
Occurred
OFIFO Retry Occurred (initial value: 0)
This bit is set when the PCIC target state machine issues target-retry during a PCI
read transaction.
1: A retry has been issued.
0: A retry has not been issued.
15
IFREO
IFIFO Retry
Occurred
IFIFO Retry Occurred (initial value: 0)
This bit is set when the PCIC target state machine issues target-retry during a PCI
write transaction.
1: A retry has been issued.
0: A retry has not been issued.
14
OFDIO
OFIFO
Disconnect
Occurred
OFIFO Disconnect Occurred (initial value: 0)
This bit is set when the PCIC target state machine issues a target-disconnect during
a PCI read transaction.
1: A disconnect has been issued.
0: A disconnect has not been issued.
13
IFDIO
IFIFO Disconnect
Occurred
IFIFO Disconnect Occurred (initial value: 0)
This bit is set when the PCIC target state machine issues a target-disconnect during
a PCI write transaction.
1: A disconnect has been issued.
0: A disconnect has not been issued.
12
OFABO
OFIFO Abort
Occurred
OFIFO Abort Occurred (initial value: 0)
This bit is set when the PCIC target detects a master attempting a PCI read to an
address outside the defined memory space.
11
IFABO
IFIFO Abort
Occurred
IFIFO Abort Occurred (initial value: 0)
This bit is set when the target detects the master attempting a PCI write to an
address outside the defined memory space.
10
PRDTO
PCI Read
Discard Timer
Time-Out
PCI Read Discard Timer Time-out (initial value: 0)
This bit is set when the read discard timer expires. The bit is valid when the Disable
Outbound Discard Timer (DOBDT) bit is cleared in the Target Control (TC) register.
1: Discard time-out has occurred.
0: Discard time-out has not occurred.
Figure 12.3.28 Target Status Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com