Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 277 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 277 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 273Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 274Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 275Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 276Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 277Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 278Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 279Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 280Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 281Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-27
12.3.3
Initiator Configuration Space Registers
12.3.3.1
Initiator Status Register (ISTAT)
0xFFFE_D044 (+044)
31
16
0
: Type
: Initial value
15
13
12
11
10
9
8
0
0
IDICC
0
IDTRT IDTDC
0
R/WC
R/WC R/WC
: Type
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
12
IDICC
Indirect Initiator
Command
Complete
Indirect Initiator Command Complete (initial value: 0)
This bit is set when an indirect initiator command is complete. This bit is cleared by
writing a 1.
10
IDTRT
Initiator Detected
Target-Retry
Cycle
Initiator Detected Target-Retry Cycle (initial value: 0)
1: A target-retry cycle has been detected.
This bit is cleared by writing a 1.
9
IDTDC
Initiator Detected
Target-
Disconnect Cycle
Initiator Detected Target-Disconnect Cycle (initial value: 0)
1: A target-disconnect cycle has been detected.
This bit is cleared by writing a 1.
Figure 12.3.20 Initiator Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com