Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 274 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 274 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 270Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 271Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 272Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 273Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 274Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 275Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 276Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 277Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 278Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-24
12.3.2.17 Minimum Grant Register (MG)
0xFFFE_D03D (+03e)
This register specifies the length of the burst period required by the device. The minimum grant
value is specified in units of 250 ns (1/4
µs), assuming a 33-MHz PCICLK rate. This value is used
by applications to determine the latency timer value.
31
24
23
16
ML
MG
R/WL
: Type
0xFF
: Initial value
15
8
7
0
IP
IL
: Type
: Initial value
Bits
Mnemonic
Field Name
Description
23:16
MG
Minimum Grant
Minimum Grant Value (initial value: 0xFF)
00h: This register is not used in calculating latency timer values.
01h-FFh: Specifies how long a burst period the device needs, assuming a PCICLK
rate of the 33 MHz. Value is a multiple of 250-ns increments.
Note:
In the normal situation, an external PCI initiator should not be able to write to bits [23:16] in this
register. However, a write could occur at a certain timing. For details, see Section 19.18.
Figure 12.3.17 Minimum Grant Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com