Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 276 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 276 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 272Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 273Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 274Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 275Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 276Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 277Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 278Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 279Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 280Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-26
12.3.2.19 Interrupt Line Register (IL)
0xFFFE_D03F (+03c)
The Interrupt Line (IL) register indicates which of the system interrupt request lines on the
Interrupt Controller the device's PCI interrupt request pin (specified in the Interrupt Pin register) is
connected to.
The operating system or device driver can examine the Interrupt Line register to determine
which of the system interrupt request line the device will use to issue interrupt service requests.
31
24
23
16
ML
MG
: Type
: Initial value
15
8
7
0
IP
IL
R/WL
: Type
0x00
: Initial value
Bits
Mnemonic
Field Name
Description
7:0
IL
Interrupt Line
Interrupt Line Value (initial value: 0x00)
Value in this field are system-architecture-specific.
00h-FEh: Interrupt line number that the device is connected to
00h ==> IRQ0
01h ==> IRQ1
0Eh ==> IRQ14
0Fh ==> IRQ15
FFh: No device interrupt line is connected to the system interrupt controller.
Figure 12.3.19 Interrupt Line Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com