Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 279 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 279 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 275Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 276Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 277Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 278Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 279Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 280Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 281Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 282Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 283Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-29
12.3.3.3
Retry/Reconnect Timer Register (RRT)
0xFFFE_D04C (+04c)
31
16
0
: Type
: Initial value
15
8
7
0
0RRT
R/W
: Type
0x00
: Initial value
Bits
Mnemonic
Field Name
Description
7:0
RRT
Initiator Auto
Retry/Reconnect
Timer
Initiator Auto Retry/Reconnect Timer1 (initial value: 0x00)
Specify the number of PCI bus clock (PCICLK) cycles before the initiator issues the
same transaction request terminated by a target-retry or target-disconnect. This
timer automatically begins decrementing when a transaction is target-terminated.
The initiator waits for this timer to expire before repeating the same transaction. The
TX39/H2 core can read the Initiator Status (ISTAT) register to find out whether the
transaction was terminated by a target-retry or a target-disconnect.
Note:
The PCI Local Bus Specification, Revision 2.1, suggests a value of 2 to 33 PCI clock cycles.
Figure 12.3.22 Retry/Reconnect Timer Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com