Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 273 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 273 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 269Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 270Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 271Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 272Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 273Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 274Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 275Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 276Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 277Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-23
12.3.2.16 Maximum Latency Register (ML)
0xFFFE_D03C (+03f)
This register specifies how quickly the device needs to gain access to the PCI bus. The
maximum latency value is specified in units of 250 ns (1/4
µs), assuming a 33-MHz PCICLK rate.
This value is used by the configuration software to determine the priority level that the bus arbiter
assigns to the PCIC initiator.
31
24
23
16
ML
MG
R/WL
: Type
0xFF
: Initial value
15
8
7
0
IP
IL
: Type
: Initial value
Bits
Mnemonic
Field Name
Description
31:24
ML
Maximum
Latency
Maximum Latency Value (initial value: 0xFF)
00h: This register is not used in prioritizing PCI bus accesses.
01h-FFh: Defines how quickly the device requires access to the bus, assuming a
PCICLK rate of 33 MHz. Value is a multiple of 250-ns increments.
Note:
In the normal situation, an external PCI initiator should not be able to write to bits [31:24] in this
register. However, a write could occur at a certain timing. For details, see Section 19.18.
Figure 12.3.16 Maximum Latency Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com