Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 269 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 269 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 265Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 266Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 267Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 268Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 269Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 270Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 271Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 272Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 273Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-19
12.3.2.12 Target Memory Base Address Register (MBA)
0xFFFE_D014 (+014)
31
16
IBA
R/W
: Type
0x0000
: Initial value
15
4
321
0
MBA
PF
MTY
MBAI
R/W
R
R
R: Type
0x0000
1
00
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:4
MBA
Memory Base
Address
Target Memory Base Address (initial value: 0x0000000)
Provides the base address of the PCI memory space assigned to the target.
The Target Memory Base Address Size (MBAS) register is used to define the
memory space size.
3
PF
Prefetchable
Prefetchable (fixed value: 1)
1: Memory is prefetchable.
A memory region is prefetchable when the following two conditions are met:
1. The device returns all bytes on reads, regardless of the state of the byte
enables.
2. Reads from this memory space create no side effects.
Linear frame buffers used in graphics devices are an example of prefetchable
memory.
2:1
MTY
Memory Type
Memory Type (fixed value: 00)
00: The memory space is located anywhere in 32-bit address space.
0
MBAI
Memory Base
Address Indicator
Address Space Indicator (fixed value: 0)
0: Indicates PCI memory sapce.
Note:
The Target Memory Base Address Size (MBAS) register must be programmed prior to this
register.
Figure 12.3.12 Target Memory Base Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com