Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 267 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 267 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 263Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 264Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 265Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 266Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 267Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 268Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 269Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 270Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 271Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-17
12.3.2.10 Master Latency Timer Register (MLT) 0xFFFE_D00E (+00d)
The 8-bit MLT register defines the maximum amount of time for which the PCIC, as a bus
master, can hold the PCI bus to burst data. The timer is triggered automatically when the PCIC
becomes the PCI bus master, and is cleared while the PCIC is not asserting FRAME*.
The MLT register begins decrementing when the PCIC asserts FRAME*. If the PCIC completes
a transaction before the timer has expired, the MLT count value is ignored.
If the timer has expired before the PCIC concludes its intended transaction, the PCIC initiates a
termination transaction as soon as its GNT* is negated. The number of PCI clocks programmed in
the MLT register represents the guaranteed time slice allotted to the PCIC (or the total master
latency).
When GNT* is negated after the time slice has run out, the PCIC must immediately relinquish
the bus. The total master latency is the value in bits 15-11 multiplied by 8 (because bits 10-8 are
read-only as zeros).
31
24
23
16
0HT
: Type
: Initial value
15
11
10
8
7
0
MLT
0
CLS
R
: Type
0x1F
: Initial value
Bits
Mnemonic
Field Name
Description
15:11
MLT
Master Latency
Timer Count
Value
Master Latency Timer Count Value (initial value: 0x1F)
Specifies the total master latency. When GNT* is negated during a burst cycle, the
PCIC must give up the bus within the programmed number of PCI clocks multiplied
by 8.
Figure 12.3.10 Master Latency Timer Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com