Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 263 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 263 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 259Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 260Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 261Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 262Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 263Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 264Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 265Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 266Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 267Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-13
12.3.2.6
Subclass Code Register (SCC)
0xFFFE_D009 (+00a)
31
24
23
16
CC
SCC
R/WL
: Type
0x00
: Initial value
15
8
7
0
RLPI
RID
: Type
: Initial value
Bits
Mnemonic
Field Name
Description
23:16
SCC
Subclass Code
Subclass Code for PCIC (initial value: 0x00)
Contains the subclass code of the PCIC.
Hardware reset to 00h (=host bridge) for the PCIC.
Note:
In the normal situation, an external PCI initiator should not be able to write to bits [23:16] in this
register. However, a write could occur at a certain timing. For details, see Section 19.18.
Figure 12.3.6 Subclass Code Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com