Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 266 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 266 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 262Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 263Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 264Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 265Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 266Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 267Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 268Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 269Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 270Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-16
12.3.2.9
Header Type Register (HT)
0xFFFE_D00D (+00e)
31
24
23
22
16
0
MFUNS
HT
RR
: Type
0
0x00
: Initial value
15
8
7
0
MLR
CLS
: Type
: Initial value
Bits
Mnemonic
Field Name
Description
23
MFUNS
Multi-Function
Multi-Function Status (initial value: 0)
0: Indicates a single-function device.
22:16
HT
Header Type
Header Type (initial value: 0x00)
Defines the PCI configuration space header format. The TX3927 supports 0x00
only.
000000: Header type 0 (not PCI-to-PCI bridge).
Figure 12.3.9 Header Type Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com