Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 261 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 261 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 257Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 258Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 259Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 260Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 261Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 262Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 263Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 264Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 265Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-11
12.3.2.4
PCI Command Register (PCICMD)
0xFFFE_D006 (+004)
This 16-bit register provides basic control over the PCIC's ability to respond to PCI cycles.
31
16
PCISTAT
: Type
: Initial value
15
10
9876
5
4
3210
0
FBBEN SEEN
0
PEREN
0
MWIEN SCREC
MEN
MACEN IACEN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
00
0
0
0000
: Initial value
Bits
Mnemonic
Field Name
Description
9
FBBEN
Fast Back-to-
Back Enable
Fast Back-to-Back Enable (initial value: 0)
The PCIC supports fast back-to-back transactions. During a fast back-to-back
transaction, another transaction starts in the clock cycle immediately following the
last data transfer for the last transaction. The FBBEN bit enables or disables fast
back-to-back transactions.
1: Enabled
0: Disabled
8
SEEN
SERR* Enable
SERR* Enable (initial value: 0)
Enables or disables the SERR* driver of the PCIC. When SEEN=1 and PEREN=1,
SERR* is asserted for error signaling, including PCI bus address parity errors, and
data parity errors on special-cycle transactions. When SEEN=0, SERR* is never
asserted.
1: Enabled
0: Disabled
6
PEREN
PERR* Enable
Parity Error Response Enable (initial value: 0)
Controls the PCIC's response to PCI address and data parity errors. The PEREN bit
is used with the SEEN bit to enable the assertion of the SERR* pin for error
signaling, including PCI address and data parity errors. If this bit is cleared, the
PCIC ignores all parity errors and behaves as if a nothing is wrong. If this bit is set,
the PCIC asserts PERR* when it detects a parity error.
1: PERR* is asserted upon detection of a parity error. If the SEEN bit is also set,
SERR* is asserted when a PCI address or data parity error occurs.
0: Parity errors are ignored.
4
MWIEN
Memory Write
and Invalidate
Enable
Memory Write and Invalidate Enable (initial value: 0)
Controls whether the master device generates the Memory-Write-and-Invalidate
command. This bit has no effect on the TX3927.
3
SCREC
Special-Cycle
Recognition
Special-Cycle Recognition (initial value: 0)
1: The PCIC target monitors all special-cycle operations.
0: The PCIC target ignores all special-cycles operations.
2
MEN
Master Enable
Master Enable (initial value: 0)
1: The PCIC initiator module can act as a bus master.
0: The PCIC initiator module can not act as a bus master.
1MACEN
Memory Access
Enable
Memory Access Enable (initial value: 0)
1: The PCIC target module responds to PCI memory space accesses.
0: The PCIC target module does not respond to PCI memory space accesses.
0IACEN
I/O Access
Enable
I/O Access Enable (initial value: 0)
1: The PCIC target module responds to PCI I/O space accesses.
0: The PCIC target module does not respond to PCI I/O space accesses.
Figure 12.3.4 PCI Command Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com