Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 259 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 259 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 255Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 256Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 257Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 258Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 259Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 260Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 261Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 262Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 263Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-9
12.3.2.3
PCI Status Register (PCISTAT)
0xFFFE_D004 (+006)
The 16-bit PCI Status register records status information for PCI bus-related events such as PCI
master-abort, PCI target-abort and data parity errors, and defines the DEVSEL* timing for the
PCIC.
31
30
29
28
27
26
25
24
23
22
21
20
17
16
DECPE SIGSE RECMA RECTA SIGTA
DSTIM
PERPT FBBCP
0
USPCP
CL
0
R/WC R/WC R/WC R/WC R/WC
R
R/WC R/WL
R/WL
R
: Type
0
0
000
01
00
01
: Initial value
15
0
PCICMD
: Type
: Initial value
Bits
Mnemonic
Field Name
Description
31
DECPE
Detected Parity
Error
Detected Parity Error (initial value: 0)
Indicates that a parity error has been detected. This bit is set whenever a parity
error is detected by the PCIC initiator or target module even if the Parity Error
Response Enable bit of the PCI Command register (PCICMD.PEREN) is cleared.
1: Parity error detected.
This bit is set in any of the following three cases:
1. The PCIC initiator module detects a data parity error during a PCI read.
2. The PCIC target module detects a data parity error during a PCI write.
3. The PCIC target module detects an address parity error.
0: Parity error not detected.
30
SIGSE
Signaled System
Error
Signaled System Error (initial value: 0)
Indicates the SERR* signal state. This bit is set to indicate that the PCIC target has
asserted the SERR* pin to report an address parity error, or a data parity error on a
special-cycle transaction.
1: SERR* asserted.
0: SERR* not asserted.
29
RECMA
Received Master-
Abort
Received Master-Abort (initial value: 0)
This bit is set by the PCIC initiator module when its host-to-PCI transaction is
terminated with a master-abort (except for a special-cycle command).
28
RECTA
Received Target-
Abort
Received Target-Abort (initial value: 0)
This bit is set by the PCIC initiator module when its transaction is terminated with a
target-abort.
1: Bus master transaction was terminated with a target-abort.
0: Bus master transaction was not terminated with a target-abort.
27
SIGTA
Signaled Target-
Abort
Signaled Target-Abort (initial value: 0)
This bit is set by the PCIC target module when it terminates a transaction with a
target-abort.
1: Bus master transaction was terminated with a target-abort.
0: Bus master transaction was not terminated with a target-abort.
26:25
DSTIM
DEVSEL Timing
Device Select (DEVSEL) Timing (initial value: 01)
The PCI 2.1 specification defines three different timings for the assertion of
DEVSEL: 00b = fast, 01b = medium, 10b = slow, 11b = reserved.
These read-only bits indicate the slowest DEVSEL timing for the PCIC target to
claim an access except for the Configuration Read and Configuration Write
commands. The TX3927 uses the medium DEVSEL timing (01).
Figure 12.3.3 PCI Status Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com