| Electronic Components Datasheet Search |
|
TMPR3927 Datasheet(PDF) 255 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3927 Datasheet(HTML) 255 Page - Toshiba Semiconductor |
|
255 / 512 page ![]() Chapter 12 PCI Controller (PCIC) 12-5 12.3.1 Register Map In this section, the register addresses are shown for both big-endian and little-endian systems. In the following tables the first address is the address to use when the CPU is in big-endian mode. The address enclosed in parentheses is the offset from 0xFFFE_D000 when the CPU is in little-endian mode. Example: The DID register is accessed with address 0xFFFE_D0000 in big-endian mode and with 0xFFFE_D002 in little-endian mode. This endian difference applies only to non-32-bit accesses. Table 12.3.1 PCI Configuration Header Space Registers Address Mnemonic Register Name 0xFFFE_D03F ( +03c) IL PCI Interrupt Line Register 0xFFFE_D03E ( +03d) IP PCI Interrupt Pin Register 0xFFFE_D03D ( +03e) MG Minimum Grant Register 0xFFFE_D03C ( +03f) ML Maximum Latency Register 0xFFFE_D037 ( +034) CAPPTR Capabilities Pointer 0xFFFE_D030 ( +030) (Reserved) 0xFFFE_D02E ( +02c) SSVID Subsystem Vendor ID Register 0xFFFE_D02C ( +02e) SVID System Vendor ID Register 0xFFFE_D028 ( +028) (Reserved) 0xFFFE_D014 ( +014) MBA Target Memory Base Address Register 0xFFFE_D010 ( +010) IOBA Target I/O Base Address Register 0xFFFE_D00F ( +00c) (Reserved) 0xFFFE_D00E ( +00d) MLT Master Latency Timer Register 0xFFFE_D00D ( +00e) HT Header Type Register 0xFFFE_D00C ( +00f) (Reserved) 0xFFFE_D00B ( +008) RID Revision ID Register 0xFFFE_D00A ( +009) RLPI Register-Level Programming Interface Register 0xFFFE_D009 ( +00a) SCC Subclass Code Register 0xFFFE_D008 ( +00b) CC Class Code Register 0xFFFE_D006 ( +004) PCICMD PCI Command Register 0xFFFE_D004 ( +006) PCISTAT PCI Status Register 0xFFFE_D002 ( +000) VID Vendor ID Register 0xFFFE_D000 ( +002) DID Device ID Register Table 12.3.2 Initiator Configuration Space Registers Address Mnemonic Register Name 0xFFFE_D068 ( +068) ILBIOMAR Initiator Local Bus I/O Mapping Address Register 0xFFFE_D064 ( +064) ILBMMAR Initiator Local Bus Memory Mapping Address Register 0xFFFE_D060 ( +060) IPBIOMAR Initiator PCI Bus I/O Mapping Address Register 0xFFFE_D05C ( +05c) IPBMMAR Initiator PCI Bus Memory Mapping Address Register 0xFFFE_D04C ( +04c) RRT Retry/Reconnect Timer Register 0xFFFE_D048 ( +048) IIM Initiator Interrupt Mask Register 0xFFFE_D044 ( +044) ISTAT Initiator Status Register 0xFFFE_D040 ( +040) (Reserved) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |