| Electronic Components Datasheet Search |
|
TMPR3927 Datasheet(PDF) 254 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3927 Datasheet(HTML) 254 Page - Toshiba Semiconductor |
|
254 / 512 page ![]() Chapter 12 PCI Controller (PCIC) 12-4 12.3 Registers The PCIC has two types of registers: PCI configuration space registers and local bus special registers: 1. PCI configuration space registers (0xFFFE_D0FF to 0xFFFE_D000) • PCI configuration header space registers • Initiator configuration space registers • Target configuration space registers All of the PCI configuration space registers can be accessed by both the TX39/H core and PCI bus masters. However, if the EPCAD bit of the Local Bus Control (LBC) register is set, PCI bus masters are denied access to these register. 2. Local bus special registers (0xFFFE_D1FF to 0xFFFE_D100) • PCI bus arbiter/parking registers • Local bus special registers These registers are not accessible from the PCI bus and must be programmed by the TX39/H2 core. Reading reserved bits and registers may return undefined values. Software should not write any value to such bits or registers. Note: All the internal registers of the PCIC are intrinsically little-endian. Non-32-bit registers are referenced with different addresses, depending on whether the CPU is in big-endian or little-endian mode. Such registers can be accessed as byte, word (16-bit), or even doubleword (32-bit) quantities, but care must be taken for endian differences between the CPU and the PCIC. In the PCIC register, all multi-byte numeric fields use little-endian ordering that assigns the lowest address to the lowest-order (rightmost) eight bits. When reading from a PCIC register, software must mask reserved bits and should not rely on the value of any reserved bit remaining consistent. Also, writes must preserve the values of reserved bit positions by first reading the register, merging new values and writing the result back. As a result of a hardware RESET*, the internal configuration registers of the PCIC are initialized to default states. The default states represent a minimum set of functions needed for proper system initialization, and do not necessarily provide an optimal system configuration. It is the responsibility of the system designer to program the PCIC registers with appropriate parameters and functions at system initialization time (typically using BIOS). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |