Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 256 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 256 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 252Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 253Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 254Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 255Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 256Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 257Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 258Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 259Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 260Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-6
Table 12.3.3 Target Configuration Space Registers
Address
Mnemonic
Register Name
0xFFFE_D0E4 (+0e4)
PWMNGSR
Power Management Support Register
0xFFFE_D0E0 (+0e0)
PWMNGR
Power Management Register
0xFFFE_D0D0 (+0d0)
TBL
Target Burst Length Register
0xFFFE_D0CC (+0cc)
SC_BE
Special-Cycle Byte Enable Register
0xFFFE_D0C8 (+0c8)
SC_MSG
Special-Cycle Message Register
0xFFFE_D0C4 (+0c4)
TLBIOMAR
Target Local Bus I/O Mapping Address Register
0xFFFE_D0C0 (+0c0)
TLBMMAR
Target Local Bus Memory Mapping Address Register
0xFFFE_D0BC (+0bc)
TLBIAP
Target Local Bus IFIFO Address Pointer
0xFFFE_D0B8 (+0b8)
TLBOAP
Target Local Bus OFIFO Address Pointer
0xFFFE_D0A8 (+0a8)
PCIRRDT
PCI Read Retry Discard Timer Register
0xFFFE_D0A4 (+0a4)
PCIRRT_CMD
PCI Read Retry Timer Command Register
0xFFFE_D0A0 (+0a0)
PCIRRT
PCI Read Retry Tag Register
0xFFFE_D09C (+09c)
TCCMD
Target Current Command Register
0xFFFE_D098 (+098)
TIM
Target Interrupt Mask Register
0xFFFE_D094 (+094)
TSTAT
Target Status Register
0xFFFE_D090 (+090)
TC
Target Control Register
Table 12.3.4 PCI Bus Arbiter/Parked Master Registers
Address
Mnemonic
Register Name
0xFFFE_D11C (+11c)
PBACS
PCI Bus Arbiter Current State Register
0xFFFE_D118 (+118)
CPCIBGS
Current PCI Bus Grant Status Register
0xFFFE_D114 (+114)
CPCIBRS
Current PCI Bus Request Status Register
0xFFFE_D110 (+110)
BM
Broken Master Register
0xFFFE_D10C (+10c)
PBAPMIM
PCI Bus Arbiter/Parked Master Interrupt Mask Register
0xFFFE_D108 (+108)
PBAPMS
PCI Bus Arbiter/Parked Master Status Register
0xFFFE_D104 (+104)
PBAPMC
PCI Bus Arbiter/Parked Master Control Register
0xFFFE_D100 (+100)
REQ_TRACE
Request Trace Register
Table 12.3.5 Local Bus Special Registers
Address
Mnemonic
Register Name
0xFFFE_D158 (+158)
IPCICBE
Initiator Indirect Command/Byte Enable Register
0xFFFE_D154 (+154)
IPCIDATA
Initiator Indirect Data Register
0xFFFE_D150 (+150)
IPCIADDR
Initiator Indirect Address Register
0xFFFE_D14C (+14c)
IOMAS
Initiator I/O Mapping Address Size Register
0xFFFE_D148 (+148)
MMAS
Initiator Memory Mapping Address Size Register
0xFFFE_D144 (+144)
ISCDP
Initiator Special-Cycle Data Port Register
0xFFFE_D140 (+140)
IIADP
Initiator Interrupt-Acknowledge Data Port Register
0xFFFE_D13C (+13c)
ICDR
Initiator Configuration Data Register
0xFFFE_D138 (+138)
ICAR
Initiator Configuration Address Register
0xFFFE_D134 (+134)
PCISTATIM
PCI Status Interrupt Mask Register
0xFFFE_D130 (+130)
LBIM
Local Bus Interrupt Mask Register
0xFFFE_D12C (+12c)
LBSTAT
Local Bus Status Register
0xFFFE_D128 (+128)
LBC
Local Bus Control Register
0xFFFE_D124 (+124)
MBAS
Target Memory Base Address Size Register
0xFFFE_D120 (+120)
IOBAS
Target I/O Base Address Size Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com