Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 252 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 252 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 248Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 249Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 250Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 251Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 252Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 253Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 254Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 255Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 256Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-2
12.1.2
PCI Initiator Features
•
Single-word transactions between the local bus (G-Bus) and the PCI bus
•
Support for memory, I/O, configuration, special-cycle and interrupt-acknowledge transactions
•
PCI write transactions from the local bus (G-Bus)
•
Direct and Indirect data transfer modes
12.1.3
PCI Target Features
•
Automatic data streaming between the PCI bus and the local bus (G-Bus)
This allows the PCIC to transfer blocks of data larger than the FIFO depth, without requiring CPU
or additional external logic
•
Two 16
× 32-bit FIFOs
•
Capable of zero-wait-state burst reads and writes
•
Programmable burst lengths for the local bus (G-Bus) and the PCI bus, and memory prefetching of
PCI bus reads
•
Concurrent reads and writes by the PCI bus and the local bus (G-Bus)
•
PCI write transactions from the PCI bus
•
Support for fast back-to-back transactions
•
Support for big-endian byte swapping
12.1.4
PCI Arbiter and Bus Parking Features
•
Integrated PCI bus arbiter that supports up to four external PCI bus masters
•
Programmable fairness algorithm: Two level, round-robin arbitration algorithm, with four PCI bus
request/grant pairs
•
Bus master parking using a Most Recently Used (MRU) algorithm
•
Autonomous PCI bus arbiter/parking module
•
Automatic disabling of an unused slot and broken masters after power-on reset
•
Supports disabling the internal PCI bus arbiter to use an external arbiter
•
PCI bus parking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com