Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 248 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 248 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 244Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 245Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 246Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 247Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 248Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 249Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 250Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 251Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 252Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 512 page
background image
Chapter 11 Interrupt Controller (IRC)
11-20
11.4 Operation
11.4.1
Interrupt Sources
The TX3927 Interrupt Controller (IRC) recognizes eight internal interrupts and up to six external
interrupts. Of the six external interrupts, INT[5:4] share device pins with the SIO. Refer to "3.3 Pin
Multiplexing" for how the pin functions of these multiplexed pins are assigned.
Table 11.4.1 shows the interrupt sources the TX3927 supports. The Interrupt Controller arbitrates
between interrupt requests from these sources and passes the highest-priority request to the TX39/H2
core. When an interrupt is taken, the TX39/H2 core’s Cause register identifies the cause of the interrupt;
while the IP[5] bit in the Cause register is set to 1 to indicate an occurrence of an interrupt, the IP[4:0]
field captures the interrupt vector associated with its source, as shown below. When an interrupt occurs,
processing branches to an appropriate interrupt exception vector address. The address depends on the
value of the BEV bit in the TX39/H2 core's Status register. If BEV is 0, control is transferred to
physical address 0x00000080. If BEV is 1, control is transferred to physical address 0x1FC00180.
Table 11.4.1
Priority*
Interrupt Vector
IP [5:0]
Interrupt Source
Highest
0
100000
INT[0]
1
100001
INT[1]
2
100010
INT[2]
3
100011
INT[3]
4
100100
INT[4]
5
100101
INT[5]
6
100110
SIO[0]
7
100111
SIO[1]
8
101000
DMA
9
101001
PIO
10
101010
PCI
11
101011
(Reserved)
12
101100
(Reserved)
13
101101
TMR[0]
14
101110
TMR[1]
Lowest
15
101111
TMR[2]
Note:
An interrupt with a lower interrupt vector is given a higher priority if multiple interrupt requests
having an equal priority level occur at the same time.
11.4.2
Interrupt Detection
To enable interrupts, the ICE bit of the Interrupt Control Enable Register (IRCER) must be set after
initializing the other IRC registers. The IRCR0 and IRCR1 registers are used to select an interrupt
detection mode from high and low level-sensitive, and rising and falling edge-triggered. The default is
low level-sensitive. All the on-chip interrupt sources must always be programmed for to low-level
detection.
When the IRC detects an interrupt request, it notifies the TX39/H2 core of the interrupt, which in turn
records its interrupt vector in the IP field of its Cause register. If more than one interrupt request occurs
simultaneously, the IRC delivers the highest-priority interrupt to the TX39/H2 core, based on its register
settings. Software is responsible for clearing interrupt requests. If the interrupt source is programmed as
high or low level-detected, the external circuitry asserting the interrupt request must be manipulated to
deassert the request. If the interrupt source is programmed as rising or falling edge-detected, writing its
interrupt vector to the EIClr field of the IRSCR register with EIClrE
=1 causes the interrupt request to be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com