Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 245 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 245 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 241Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 242Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 243Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 244Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 245Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 246Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 247Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 248Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 249Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 512 page
background image
Chapter 11 Interrupt Controller (IRC)
11-17
11.3.15 Interrupt Source Status Register (IRSSR)
0xFFFE_C080
This register indicates which interrupts are pending, regardless of the settings the Interrupt Level
(IRILR7 to IRILR0) and Interrupt Mask (IRIMR) registers.
31
16
0
: Type
: Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IS15
IS14
IS13
0
0
IS10
IS9
IS8
IS7
IS6
IS5
IS4
IS3
IS2
IS1
IS0
RRR
RR
RR
RRR
RR
RR
RR
: Type
−−−
−−
−−−
−−
−−
−−
: Initial value
Bits
Mnemonic
Field Name
Description
15
IS15
Interrupt Status 15 IRINTREQ[15] Status
Shows the status of the TMR[2] interrupt.
1: Interrupt pending
0: No interrupt pending
14
IS14
Interrupt Status 14 IRINTREQ[14] Status
Shows the status of the TMR[1] interrupt.
1: Interrupt pending
0: No interrupt pending
13
IS13
Interrupt Status 13 IRINTREQ[13] Status
Shows the status of the TMR[0] interrupt.
1: Interrupt pending
0: No interrupt pending
10
IS10
Interrupt Status 10 IRINTREQ[10] Status
Shows the status of the PCI interrupt.
1: Interrupt pending
0: No interrupt pending
9
IS9
Interrupt Status 9
IRINTREQ[9] Status
Shows the status of the PIO/Flag interrupt.
1: Interrupt pending
0: No interrupt pending
8
IS8
Interrupt Status 8
IRINTREQ[8] Status
Shows the status of the DMA interrupt.
1: Interrupt pending
0: No interrupt pending
7
IS7
Interrupt Status 7
IRINTREQ[7] Status
Shows the status of the SIO[1] interrupt.
1: Interrupt pending
0: No interrupt pending
6
IS6
Interrupt Status 6
IRINTREQ[6] Status
Shows the status of the SIO[0] interrupt.
1: Interrupt pending
0: No interrupt pending
5
IS5
Interrupt Status 5
IRINTREQ[5] Status
Shows the status of the INT[5] interrupt.
1: Interrupt pending
0: No interrupt pending
4
IS4
Interrupt Status 4
IRINTREQ[4] Status
Shows the status of the INT[4] interrupt.
1: Interrupt pending
0: No interrupt pending
Figure 11.3.14 Interrupt Source Status Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com