Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 249 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 249 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 245Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 246Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 247Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 248Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 249Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 250Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 251Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 252Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 253Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 512 page
background image
Chapter 11 Interrupt Controller (IRC)
11-21
cleared.
Interrupt requests from on-chip peripheral modules must also be cleared through software.
11.4.3
Interrupt Priorities
•
Eight levels of interrupt priorities are provided, numbered from 0 (000) to 7 (111). Priority levels
can be programmed in the IRILR7 to IRILR0 registers, which contain a 3-bit priority-level field for
each of the interrupt sources. Level 7 has the highest-priority, and level 1 the lowest. If any
interrupt is programmed as 000, then that interrupt is effectively disabled. The response to
simultaneous occurrence of equal priority interrupts is determined by a hardware priority-within-
level resolver, according to interrupt vectors.
•
The IRIMR register is available to mask interrupts. The 3-bit IML field of this register specifies the
mask level. Interrupt requests having a priority level lower than the value in the IML field are
masked. Those having the same priority level as the IML value are not masked. If the IML field is
set to "000", all interrupts are globally disabled.
•
If two or more interrupt requests occurs simultaneously, the IRC determines the highest-priority
interrupt according to their programmed priority levels and the hardware-assigned interrupt
vectors.
•
A higher-priority interrupt always interrupts the servicing of a low-priority interrupt, causing the
IRC to deliver a new interrupt vector to the TX39/H2 core. An interrupt is never interrupted by
another interrupt of lower or equal priority, even by an interrupt with a smaller interrupt vector.
•
The servicing of an interrupt may not be interrupted by another interrupt of equal or lower priority
just by resetting the priority level of the current interrupt to 0 or a lower value in the Interrupt
Level Register; i.e., resetting the priority level of the current interrupt to 0 does not affect the
interrupt vector, if another interrupt of equal or lower priority is being requested at that time.
If the user wants to interrupt the processing of the current interrupt by setting its priority level to 0,
it is required to once change the interrupt mask level in the IRIMR register to a value that will
mask the current interrupt and then change it back to the original value.
For example:
(1) IRIMR: Set the interrupt mask level to 7 (i.e., disable all interrupts), or any level that can
mask the current interrupt.
(2) IRILR: Set the interrupt level for the current interrupt to 0 (disable the current interrupt).
(3) IRIMR: Restore the original interrupt mask level.
The order of steps 1 and 2 is not significant.
Note:
On the other hand, raising the interrupt mask level in the IML field of the IRIMR
register will cause all lower-priority interrupts to be masked; consequently, interrupt
vectors of any lower-priority interrupts will never be delivered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com