Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 244 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 244 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 240Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 241Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 242Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 243Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 244Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 245Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 246Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 247Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 248Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 512 page
background image
Chapter 11 Interrupt Controller (IRC)
11-16
11.3.14 Interrupt Status/Control Register (IRSCR)
0xFFFE_C060
31
16
0
: Type
: Initial value
15
9
8
74
30
0
EICIrE
0
EICIr
R/W
R/W
: Type
0
0000
: Initial value
Bits
Mnemonic
Field Name
Description
8
EIClrE
Interrupt Clear
Enable
Edge Interrupt Clear Enable for Sources (Initial value: 0)
Clears the source of interrupt specified in the EIClr field.
0: The specified interrupt is unaffected.
1: The specified interrupt is cleared.
This bit is immediately to cleared "0" after "1" is written. This bit returns a "0" on a
read.
3:0
EIClr
Interrupt Clear for
Sources
Edge Interrupt Clear for Sources (initial value: 0x0)
Specifies the source of interrupt to be cleared.
1111: TMR[2]
1110: TMR[1]
1101: TMR[0]
1100: (Reserved)
1011: (Reserved)
1010: PCI
1001: PIO/Flag
1000: DMA
0111: SIO[1]
0110: SIO[0]
0101: INT[5]
0100: INT[4]
0011: INT[3]
0010: INT[2]
0001: INT[1]
0000: INT[0]
Figure 11.3.13 Interrupt Status/Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com