Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 301 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 301 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 297Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 298Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 299Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 300Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 301Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 302Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 303Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 304Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 305Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-51
12.3.4.14 Target Burst Length Register (TBL)
0xFFFE_D0D0 (+0d0)
31
16
0
: Type
: Initial value
15
12
11
8
7
4
3
2
0
0
TBL_IFIFO
TBL_OFIFO
0
PB_OFIFO
R/W
R/W
R/W
: Type
0x0
0x0
000
: Initial value
Bits
Mnemonic
Field Name
Description
11:8
TBL_IFIFO
IFIFO Local Bus
Burst Length
IFIFO Local Bus Burst Length (initial value: 0x0)
Defines the number of D-words required in the IFIFO before data is written to the
local bus. Bit 11 is used as a burst transfer enable bit.
0000: Single D-word. When one or more D-words are available in the IFIFO, one
D-word is written to the local bus.
The following settings enable repeated fast single accesses to write multiple words.
0001: Two D-words. When two or more D-words are available in the IFIFO, two
D-words are written to the local bus.
0010: Four D-words. When four or more D-words are available in the IFIFO, four
D-words are written to the local bus.
0011: Eight D-words. When eight or more D-words are available in the IFIFO,
eight D-words are written to the local bus.
01XX: Sixteen D-words. When sixteen or more D-words are available in the
IFIFO, sixteen D-words are written to the local bus.
The following settings enable burst writes.
1X00: Four D-words. When four or more D-words are available in the IFIFO, four
D-words are written to the local bus.
1X01: Eight D-words. When eight or more D-words are available in the IFIFO,
eight D-words are written to the local bus.
1X1X: Sixteen D-words. When sixteen or more D-words are available in the
IFIFO, sixteen D-words are written to the local bus.
Note 1: The IFIFO accepts data from the PCI master as long as there is room for it in the IFIFO. Once the
IFIFO becomes full, the PCIC issues a target-disconnect to the PCI master. Thereafter, the PCIC
continues to issue targe-retries until there is room in the IFIFO.
Note 2: A PCI write cycle may terminate with data short of the programmed burst size remaining in the
IFIFO. In that case, the PCIC writes all the data in the IFIFO to local memory as 32-bit single write
transactions after the PCI write cycle is complete. This prevents data from being left in the IFIFO.
Figure 12.3.40 Target Burst Length Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com