Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 302 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 302 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 298Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 299Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 300Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 301Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 302Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 303Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 304Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 305Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 306Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 512 page
background image
Chapter 12 PCI Controller (PCIC)
12-52
Bits
Mnemonic
Field Name
Description
7:4
TBL_OFIFO
OFIFO Local Bus
Burst Length
OFIFO Local Bus Burst Length (initial value: 0x0)
Defines the number of empty D-word locations required in the OFIFO before D-
word data is read from the local bus. For non-prefetchable PCI read commands
(non-prefetchable memory read and I/O read commands), a value of 000b is
assumed automatically. Bit 7 is used as the burst transfer enable bit. When this field
is programmed for the 16-Dword burst length ("01xx" or "1x1x"), bit [18] in the
Target Control (TC) register must not be set to 1.
The following settings enable repeated fast single accesses to read multiple words.
000X: Two D-words. When two or more empty D-word locations are available in
the OFIFO, two D-words are read from the local bus.
0010: Four D-words. When four or more empty D-word locations are available in
the OFIFO, four D-words are read from the local bus.
0011: Eight D-words. When eight or more empty D-word locations are available in
the OFIFO, eight D-words are read from the local bus.
01XX: Sixteen D-words. When sixteen or more empty D-word locations are
available in the OFIFO, sixteen D-words are read from the local bus.
The following settings enable burst reads.
1X00: Four D-words. When four or more empty D-word locations are available in
the OFIFO, four D-words are read from the local bus.
1X01: Eight D-words. When eight or more empty D-word locations are available in
the OFIFO, eight D-words are read from the local bus.
1X1X: Sixteen D-words. When sixteen or more empty D-word locations are
available in the OFIFO, sixteen D-words are read from the local bus.
2:0
PB_OFIFO
OFIFO PCI Bus
Burst Length
OFIFO PCI Bus Burst Length (initial value: 0x0)
Defines the number of D-words required in the OFIFO before data is sent to the PCI
bus.
000:
Single D-word. When one or more D-words are available in the OFIFO, one
D-word is sent to the PCI bus.
The following settings enable repeated fast single accesses to write multiple words.
001:
Two D-words. When two or more D-words are available in the OFIFO, two
D-words are sent to the PCI bus.
100:
Four D-words. When four or more D-words are available in the OFIFO, four
D-words are sent to the PCI bus.
101:
Eight D-words. When eight or more D-words are available in the OFIFO,
eight D-words are sent to the PCI bus.
11X: Sixteen D-words. When sixteen or more D-words are available in the
OFIFO, sixteen D-words are sent to the PCI bus.
Figure 12.3.40 Target Burst Length Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com