Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 405 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 405 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 401Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 402Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 403Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 404Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 405Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 406Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 407Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 408Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 409Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 552 page
background image
Chapter 13 Parallel I/O Port
13-3
13.4.1 PIO Output Data Register (PIODO)
0xF500
31
16
Reserved
:Type
:Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PDO
R/W
:Type
0x0000
:Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:16
Reserved
⎯
15 :0
PDO [15:0]
Data Out
Port Data Output [15:0] (Initial value:0x0000)
Data that is output to the PIO pin (PIO [15:0]).
R/W
Figure 13.4.1 PIO Output Data Register
13.4.2 PIO Input Data Register (PIODI)
0xF504
31
16
Reserved
:Type
:Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PDI
R
:Type
Undefined
:Initial value
Bit
Mnemonic
Field Name
Description
31:16
Reserved
⎯
15 :0
PDI [15:0]
Data In
Port Data Input [15:0] (Initial value:TBD)
Data that is input to the PIO pin (PIO [15:0]).
R
Figure 13.4.2 PIO Input Data Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com