Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 401 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 401 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 397Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 398Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 399Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 400Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 401Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 402Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 403Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 404Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 405Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 552 page
background image
Chapter 12 Timer/Counter
12-17
12.4.8 Watchdog Timer Mode Register n (TMWTMRn)
TMWTMR2 0xF240
31
16
Reserved
: Type
: Initial value
15
14
8
7
6
1
0
TWIE
Reserved
WDIS
0
TWC
R/W
RW1S
R/W1C : Type
0
0
0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:16
Reserved
⎯
15
TWIE
Watchdog Timer
Signaling Enable
Timer Watchdog Enable (Default: 0)
This bit sets NMI signaling enable/disable either when in the Watchdog
Timer mode or during a reset. This bit cannot be cleared when the
Watchdog Timer Disable bit (WDIS) is “0”.
0: Disable (mask)
1: Enable
R/W
14:8
Reserved
⎯
7
WDIS
Watchdog Timer
Disable
Watchdog Timer Disable (Default: 0)
Only when this bit is set can the counter be stopped by clearing the
Watchdog Timer Signaling Enable bit (TWIE) or by clearing the Timer
Counter Enable bit (TMTCR2.TCE) of the Timer Control Register.
Writing “0” to this bit is not valid. This bit can be cleared in either of the
following ways.
Clear the Watchdog Timer Interrupt Enable bit (TMWTMR2.TWIE).
Clear the Timer Counter Enable bit (TMTCR2.TCE) of the Timer Control
Register.
R/W1S
6:1
Reserved
⎯
0
TWC
Watchdog Timer
Clear
Watchdog Timer Clear (Default: 0)
Setting this bit to “1” clears the counter. Writing “0” to this bit is not valid.
This bit is always read as “0”.
R/W1C
Figure 12.4.8 Watchdog Timer Mode Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com