Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 520 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 520 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 516Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 517Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 518Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 519Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 520Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 521Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 522Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 523Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 524Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 552 page
background image
Chapter 21 Electrical Characteristics
21-14
21.5.12 PIO Interface AC characteristics
(Tc = 0 – 70°C, VCCIO = 3.3 V ± 0.2 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V)
Item
Symbol
Conditions
Min.
Max.
Unit
PIO[15:0] Output Delay Time
tVAL_PIO
IMBUSCLK reference (CL=50
pF)
⎯
10
ns
PIO[15:0] Input Setup Time
tSU_PIO
IMBUSCLK reference
12
⎯
ns
PIO[15:0] Input Hold Time
tHO_PIO
IMBUSCLK Reference
0
⎯
ns
*1) IMBUSCLK is an internal signal. For more details, see Chapter 6 Clocks.
Figure 21.5.13 Timing Diagram: PIO Interface
21.5.13 AC-link Interface AC characteristics
(Tc = 0 – 70
°C, VCCIO = 3.3V ± 0.2 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V)
Item
Symbol
Condition
Min.
Max.
Unit
BITCLK High Time
tHIGH_BCLK
36
45
ns
BITCLK Low Time
tLOW_BCLK
36
45
ns
SYNC Output Delay Time
tVAL_SYNC
BITCLK reference, CL = 55 pF
⎯
15
ns
SDOUT Output Delay Time
tVAL_SDOUT
BITCLK reference, CL = 55 pF
⎯
15
ns
SDIN[1:0] Input Setup Time
tSU_DSIN
BITCLK reference
10
⎯
ns
SDIN[1:0] Input Hold Time
tHO_DSIN
BITCLK reference
10
⎯
ns
Figure 21.5.14 Timing Diagram: AC-link Interface
MASTERCLK
(output)
tVAL_PIO
tSU_PIO
tHO_PIO
IMBUSCLK
(input)
BITCLK
tHIGH_BCLK
SYNC
tLOW_BCLK
tVAL_SYNC
tVAL_SYNC
tVAL_SDOUT
tSU_SDIN
tHO_SDIN
SDOUT
SDIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com