Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 516 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 516 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 512Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 513Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 514Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 515Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 516Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 517Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 518Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 519Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 520Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 552 page
background image
Chapter 21 Electrical Characteristics
21-10
tLOW66 / tLOW33
tHIGH66 / tHIGH33
tCYC66 / tCYC33
0.4 Vcc
0.5 Vcc
0.3 Vcc
0.6 Vcc
0.2 Vcc
0.4 Vcc p-to-p
(minimum)
(Vcc=3.3V)
tsu66 / tsu33 / tSUPP66/tSUPP33 tHO66 / tHO33 / tHOPP66 / tHOPP33
tVAL66 / tVAL33 / tVALPP66 / tVALPP33
INPUT
OUTPUT
inputs valid
outputs valid
tSLEW66 / tSLEW33
PCICLKIN
Figure 21.5.6 Timing Diagram: PCI Interface (3.3 V)
tSKEW
PCICLK[n]
PCICLK[except n]
n=0
∼5
tCYCO66 / tCYCO33
tHIGHO66 / tHIGHO33
tLOWO66 / tLOWO33
Figure 21.5.7 Timing Diagram: PCI Clock Skew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com