Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 514 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 514 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 510Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 511Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 512Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 513Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 514Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 515Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 516Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 517Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 518Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 552 page
background image
Chapter 21 Electrical Characteristics
21-8
21.5.4 External Bus Interface AC characteristics
(Tc = 0 – 70°C, VCCIO = 3.3 V ± 0.2 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V)
Item
Symbol
Condition
Min.
Max.
Unit
SYSCLK Cycle Time
tCYC_SYSCLK
Buffer fixed: CL=50 pF, 8 mA
7.5
⎯
ns
SYSCLK High Time
tHIGH_SYSCLK Buffer fixed: CL=50 pF, 8 mA
4
⎯
ns
SYSCLK Low Time
tLOW_SYSCLK Buffer fixed: CL=50 pF, 8 mA
4
⎯
ns
ADDR[19:5] Output Delay
tVAL_ADDR2
For CL=150 pF, 16 mA buffer
1.5
6.5
ns
CE[7:0]* Output Delay
tVAL_CE
Buffer fixed: CL=50 pF, 8 mA
1.5
8.5
ns
OE* Output Delay
tVAL_OE
Buffer fixed: CL=50 pF, 8 mA
1.5
8.5
ns
SWE* Output Delay
tVAL_SWE
Buffer fixed: CL=50 pF, 8 mA
1.5
8.5
ns
BWE[3:0]* Output Delay
tVAL_BWE
Buffer fixed: CL=50 pF, 8 mA
1.5
8.5
ns
ACE Output Delay
tVAL_ACE
Buffer fixed: CL=50 pF, 8 mA
1.5
8.5
ns
BUSSPRT* Output Delay
tVAL_DQM
Buffer fixed: CL=50 pF, 8 mA
1.5
8.5
ns
DATA[63:0] Output Delay (H
→L, L→H) tVAL_BUS
For CL=50 pF, 16 mA buffer
1.5
6.5 *1)
ns
DATA[31:0] Output Delay (Hi-Z
→Valid) tVAL_DATA2ZV For CL=50 pF, 16 mA buffer
1.5
8.5
ns
DATA[31:0] Ouput Delay (Valid
→Hi-Z)
tVAL_DATA2VZ For CL=50 pF, 16 mA buffer
1.5
8.5
ns
DATA[31:0] Input Setup Time
tSU_DATA2
6.0
⎯
ns
DATA[31:0] Input Hold Time
tHO_DATA2
0.5
⎯
ns
ACK* Output Delay (H
→L, L→H)
tVAL_ACK
Buffer fixed: CL=50 pF, 8 mA
1.5
8.5
ns
ACK* Output Delay (Hi-Z
→Valid)
tVAL_ACKZV
Buffer fixed: CL=50 pF, 8 mA
1.5
8.5
ns
ACK* Output Delay (Valid
→Hi-Z)
tVAL_ACKVZ
Buffer fixed: CL=50 pF, 8 mA
1.5
8.5
ns
ACK* Input Setup Time
tSU_ACK
6.0
⎯
ns
ACK* Input Hold Time
tHO_ACK
0.5
⎯
ns
*1) When the speed of the External Bus is set to 1/3 speed, the delay becomes the GBUSCLK cycle +
6.5 ns. EBCCRn.SP of the External Bus Controller sets the speed of the External Bus.
Figure 21.5.5 Timing Diagram: External Bus Interface
tSU_*
tHO_*
outputs valid
inputs valid
tVAL_*
SYSCLK
OUTPUT
INPUT
tCYC_SYSCLK
tHIGH_SYSCL
tLOW_SYSCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com