Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 515 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 515 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 511Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 512Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 513Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 514Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 515Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 516Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 517Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 518Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 519Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 552 page
background image
Chapter 21 Electrical Characteristics
21-9
21.5.5 PCI Interface AC characteristics (66 MHz)
(Tc = 0 – 70°C, VCCIO = 3.3 V ± 0.2 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V)
Item
Symbol
Conditions
Min.
Max.
Unit
PCICLKIN Cycle Time (66 MHz)
tCYC66
15
30
ns
PCICLKIN High Time (66 MHz)
tHIGH66
6
⎯
ns
PCICLKIN Low Time (66 MHz)
tLOW66
6
⎯
ns
PCICLKIN Slew Rate (66 MHz)
tSLEW66
1.5
4
V/ns
PCICLK[5:0] Cycle Time (66 MHz)
tCYCO66
CL=50 pF
15
30
ns
PCICLK[5:0] High Time (66 MHz)
tHIGHO66
CL=50 pF
6
⎯
ns
PCICLK[5:0] Low Time (66 MHz)
tLOWO66
CL=50 pF
6
⎯
ns
PCICLK[5:0] Skew (66 MHz)
tSKEW
CL=50 pF, point to point connect
0
1
ns
PCI Output Signal*1) Output Delay
tVAL66
CL=30 pF
2
8
ns
PCI Input Signal*
2) Input Setup Time
tSU66
3
⎯
ns
PCI Input Signal*
2) Input Hold Time
tHO66
0.5
⎯
ns
ID_SEL, REQ[0]*, GNT[3:0]*
Output Delay
tVALPP66
CL=30 pF, point-to-point connect
2
8
ns
ID_SEL, REQ[3:0]*, GNT[0]*
Input Setup Time
tSUPP66
Point-to-point connection
5
⎯
ns
ID_SEL, REQ[3:0]*, GNT[0]*
Input Hold Time
tHOPP66
Point-to-point connection
0
⎯
ns
*1) PCIAD[31:0], C_BE[3:0], PAR, FRAME*, IRDY*, TRDY*, STOP*, DEVSEL*, PERR*, SERR*,
M66EN, and PME*
*2) PCIAD[31:0] , C_BE[3:0] , PAR, FRAME*, IRDY*, TRDY*, STOP*, DEVSEL*, PERR*, SERR*,
M66EN, PME*, LOCK*, and ID_SEL
21.5.6 PCI Interface AC characteristics (33 MHz)
(Tc = 0 – 70°C, VCCIO = 3.3 V ± 0.2 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V)
Item
Symbol
Condition
Min.
Max.
Unit
PCICLKIN Cycle Time (33 MHz)
tCYC33
30
40
ns
PCICLKIN High Time (33 MHz)
tHIGH33
11
⎯
ns
PCICLKIN Low Time (33 MHz)
tLOW33
11
⎯
ns
PCICLKIN Slew Rate (33 MHz)
tSLEW33
1
4
V/ns
PCICLK[5:0] Cycle Time (33 MHz)
tCYC33
CL=70 pF
30
40
ns
PCICLK[5:0] High Time (33 MHz)
tHIGH33
CL=70 pF
11
⎯
ns
PCICLK[5:0] Low Time (33 MHz)
tLOW33
CL=70 pF
11
⎯
ns
PCICLK[5:0] Skew (33 MHz)
tSKEW
CL=70 pF, point to point connect
0
2
ns
PCI Output Signal*1) Output Delay
tVAL33
CL=70 pF
2
11
ns
PCI Input Signal*2) Input Setup Time
tSU33
7
⎯
ns
PCI Input Signal*
2) Input Hold Time
tHO33
0.5
⎯
ns
ID_SEL, REQ[0]*, GNT[3:0]*
Output Delay
tVALPP33
CL=70 pF, point to point connect
2
12
ns
ID_SEL, REQ[3:0]*, GNT[0]*
Input Setup Time
tSUPP33
point to point connct
10
⎯
ns
ID_SEL, REQ[3:0]*, GNT[0]*
Input Hold Time
tHOPP33
point to point connect
0
⎯
ns
*1) PCIAD[31:0], C_BE[3:0] , PAR, FRAME*, IRDY*, TRDY*, STOP*, DEVSEL*, PERR*, SERR*,
M66EN, and PME*
*2) PCIAD[31:0] , C_BE[3:0] , PAR, FRAME*, IRDY*, TRDY*, STOP*, DEVSEL*, PERR*, SERR*,
M66EN, PME*, LOCK*, and ID_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com