Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 511 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 511 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 507Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 508Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 509Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 510Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 511Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 512Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 513Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 514Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 515Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 552 page
background image
Chapter 21 Electrical Characteristics
21-5
21.5 AC characteristics
21.5.1 MASTERCLK AC characteristics
(Tc = 0 – 70°C, VCCIO = 3.3 V ± 0.2 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V)
Item
Symbol
Conditions
Min.
Max.
Unit
Boot configuration
ADDR[2]=H
7.5
80
ns
MASTERCLK Cycle
tMCP
Boot configuration
ADDR[2]=L
30
320
ns
Boot configuration
ADDR[2]=H
12.5
133.3
MHz
MASTERCLK Frequency *1)
fMCK
Boot Configuration
ADDR[2]=L
3.125
33.3
MHz
MASTERCLK High Time
tMCH
2
⎯
ns
MASTERCLK Low Time
tMCL
2
⎯
ns
TMPR4937XBG-300
50
300
CPUCLK Frequency
fCPU
TMPR4937XBG-333
50
333
MHz
MASTERCLK Rise Time
tMCR
⎯
1.5
ns
MASTERCLK Fall Time
tMCF
⎯
1.5
ns
*1) TX4937 operation is only guaranteed when the power is stable, PLL secures the PLL oscillation
stability time tMCP_PLL and is in the Enable state.
Figure 21.5.1 Timing Diagram: MASTERCLK
21.5.2 Power on AC characteristics
(Tc = 0 – 70
°C, VCCIO = 3.3 V ± 0.2 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V)
Item
Symbol
Conditions
Min.
Max.
Unit
PLL Oscillation Stability Time
tMCP_PLL
10
ms
CGRESET* Width Time
fMCK_PLL
1
ms
RESET* Width Time
tMCH_PLL
1
⎯
ms
*1) VCCInt and VCCIO must start up sumultaneously, or VCCInt must be first.
The difference of the stand up time ota power supply within 100 m seconds.
Figure 21.5.2 Timing Diagram: Power On Reset
tMCH
tMCL
tMCP
MASTERCLK
0.8 VCC
0.2 VCC
tMCR
tMCF
tMCP_PLL
tMCK_PLL
MASTERCLK Oscillation Stability Time
tMCH_PLL
VCCInt, VCCIO
*1)
PLL_Vdd1_A,
PLL_Vdd2_A
MASTERCLK
CGRESET*
RESET*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com