Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 508 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 508 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 504Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 505Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 506Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 507Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 508Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 509Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 510Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 511Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 512Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 552 page
background image
Chapter 21 Electrical Characteristics
21-2
21.3 DC characteristics
21.3.1 DC characteristics of pins other than PCI Interface pins
(Tc = 0 - 70°C, VddIO = 3.3V ± 0.2V, VCCInt = 1.5V ± 0.1V, VSS = 0V)
Item
Symbol
Condition
Min.
Max.
Unit
Low-level Input Voltage
VIL1
(1)
−0.3
0.8
V
High-level Input Voltage
VIH1
(1)
2.0
VCCIO + 0.3
V
Low-level Output Current
IOL1
IOL2
(2)VOL = 0.4 V
(3)VOL = 0.4 V
8
4
⎯
⎯
mA
mA
Low-level Output Current
IOL3
IOL4
(4)VOL = 0.4 V
(5)VOL = 0.4 V
16
8
⎯
⎯
mA
mA
High-level Output Current
IOH1
IOH2
(2)VOH = 2.4 V
(3)VOH = 2.4 V
⎯
⎯
−8
−4
mA
mA
High-level Output Current
IOH3
IOH4
(4)VOH = 2.4 V
(5)VOH = 2.4 V
⎯
⎯
−16
−8
mA
mA
Low-level Input Leak
Current
IIL1
IIL2
(6)VIN=VSS
(7)VIN=VSS
−10
−200
10
−10
µA
µA
High-level Input Leak
Current
IIH1
(8)VIN=VCCIO
−10
10
µA
Hi-Z Output Leak Current
IOZ
(9)
−10
10
µA
Operating Current (Internal)
ICCInt
VddIN = 1.6 V,
Internal core frequency = 300 MHz
⎯
500
mA
Operating Current (I/O Pin)
ICCIO
VddIO = 3.5 V,
External bus frequency = 100 MHz
Pin capacitance load = 25 pF
⎯
400
mA
(1) : All input pins except for the PCI interface signal pins, and all bidirectional pins (during input)
(2) : ACE*, ACK*, BUSSPRT*, BWE[3:0]*, CE[7:0]*, DMAACK[3:0], DMADONE*, WDRST*,
HALTDOZE, PIO[7:0], RTS[1:0], SWE*, SYSCLK, TIMER[1:0] and TXD[1:0]
(3) : DCLK, PCST[8:0], TDO and TPC[3:1]
(4) : ADDR[19:0], CAS*, CB[7:0], CKE, DATA[63:0], DQM[7:0], OE*, RAS*, SDCLK[3:0],
SDCLKIN, SDCS[3:0]*, and WE* when drive capacity is set to 16 mA.
(5) : ADDR[19:0], CAS*, CB[7:0], CKE, DATA[63:0], DQM[7:0], OE*, RAS*, SDCLK[3:0],
SDCLKIN, SDCS[3:0]*, and WE* when drive capacity is set to 8 mA.
(6) : CGRESET*, RESET*, TRST*, BYPASSPLL*, MASTERCLK, SDCLKIN and SDIN[1]
(7) : CTS[1:0]*, DMAREQ[3:0], DMADONE*, RXD[1:0], SCLK, TCLK, INT[5:0], TCK, TDI,
TEST[4:0]*, TMS, ACK*, CB[7:0], DATA[63:0], ADDR[19:0], NMI* and PIO[7:0]
(8) : Signal in (6) and (7) above
(9) : DCLK, TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com