Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 509 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 509 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 505Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 506Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 507Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 508Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 509Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 510Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 511Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 512Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 513Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 552 page
background image
Chapter 21 Electrical Characteristics
21-3
21.3.2 DC characteristics of PCI Interface pins
(Tc = 0 – 70°C, VddIO = 3.3 V ± 0.2 V, VddIN = 1.5 V ± 0.1 V, VSS = 0 V)
Item
Symbol
Conditions
Min.
Max.
Unit
Low-level Input Voltage
VILPCI
(1)
−0.5
0.9
V
High-level Input Voltage
VIHPCI
(1)
1.8
VddIO + 0.3
V
High-level Output Voltage
VOHPCI
(2) IOUT = −500 µA
VddIO × 0.9
⎯
V
Low-level Output Voltage
VOLPCI
(2) IOUT = 1500 µA
⎯
VddIO
× 0.1
V
High-level Output Current
IOH1
(4) VOH = 2.4 V
⎯
-8
mA
Low-level Output Current
IOL1
(4) VOL = 0.4 V
8
⎯
mA
Input Leak Current
IIHPCI
IILPCI
0 < VIN < VddIO
−10
−10
10
10
µA
µA
High-level Input Leak Current
IIL1
(5) VIN = VddIO
−10
10
µA
Low-level Input Leak Current
IIL2
(5) VIN = VSS
−200
−10
µA
Hi-Z Output Leak Current
IOZPCI
(3)
−10
10
µA
(1) : ID_SEL, PCICLKIN, C_BE[3:0], DEVSEL*, FRAME*, GNT[3:0]*, IRDY*, LOCK*, M66EN,
PAR, PCIAD[31:0], PERR*, PME*, REQ[3:0], SERR*, STOP*, TRDY*
(2) : All PCI interface signals except for ID_SEL, LOCK*, PCICLKIN
(3) : PME*, REQ[1], SERR*
(4) : EEPROM_CS, EEPROM_DO, EEPROM_SK
(5) : EEPROM_DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com