Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 35 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 35 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 31Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 32Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 33Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 34Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 35Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 36Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 37Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 38Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 39Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 716 page
background image
3 General Safety Precautions and Usage Considerations
3-13
3.5.3
Soldering temperature profile
The soldering temperature and heating time vary from device to device. Therefore, when specifying the
mounting conditions, refer to the individual datasheets and databooks for the devices used.
(1) Using medium infrared ray reflow
• Heating top and bottom with long or medium infrared rays is recommended (see Figure 3).
Long infrared ray heater (preheating)
Medium infrared ray heater
(reflow)
Product flow
Figure 3 Heating top and bottom with long or medium infrared rays
• Complete the infrared ray reflow process for 30 to 50 seconds at a package surface temperature of between
230°C and 260°C.
• Refer to Figure 4 for an example of a good temperature profile for infrared or hot air reflow.
230
30-50 s
Time (s)
60-120 s
(°C)
260
190
180
Figure 4 Sample temperature profile (Pb free) for infrared or hot air reflow
(2) Using hot air reflow
• Complete hot air reflow for 30 to 50 seconds at a package surface temperature of between 230°C and 260°C.
• For an example of a recommended temperature profile, refer to Figure 4 above.
3.5.4
Flux cleaning and ultrasonic cleaning
(1) When cleaning circuit boards to remove flux, make sure that no residual reactive ions such as Na or Cl
remain. Note that organic solvents react with water to generate hydrogen chloride and other corrosive gases
which can degrade device performance.
(2) Washing devices with water will not cause any problems. However, make sure that no reactive ions such as
sodium and chlorine are left as a residue. Also, be sure to dry devices sufficiently after washing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com