Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 99 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 99 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 97Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 98Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 99Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 100Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 101Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 102Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 103Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 716 page
background image
Chapter 5 Configuration Registers
5-11
5.2.5
Clock Control Register (CLKCTR)
0xE020
Bit 32 and bits 15-0 are reset bits for the on-chip peripheral modules. To bring on-chip peripheral
modules out of the reset state, the corresponding bits must be cleared by software. Before clearing them,
wait at least 128 CPU clock cycles after they are set.
63
50
49
48
Reserved
0
NDFCKD
R/W
R/W : Type
: Initial value
47
34
33
32
Reserved
0
NDFRST
R/W
R/W : Type
0
0
: Initial value
31
26
25
24
23
22
21
20
19
18
17
16
ETH1CKD ETH0CKD
SPICKD SRAMCKD PCI1CKD DMA1CKD ACLCKD PIOCKD DMACKD PCICCKD
1
TM0CKD TM1CKD TM2CKD SIO0CKD SIO1CKD
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
: Initial value
15
10
9
8
7
6
5
4
3
2
1
0
ETH1RST
ETH0RST
SPIRST SRAMRST PCI1RST DMA1RST ACLRST
PIORST DMA0RST PCICRST
1
TM0RST TM1RST TM2RST SIO0RST SIO1RST
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
0
0
0
0
1
0
0
0
0
0
1
0
0
0
0
0
: Initial value
Bit
Mnemonic
Field Name
Description
Initial Value Read/Write
63:50
⎯
Reserved
⎯
⎯
⎯
49
⎯
⎯
Always set this bit to 0.
0
R/W
48
NDFCKD
NDFMC Clock
Disable
Controls clock pulses for the NAND Flash Memory controller.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
47:34
⎯
Reserved
⎯
⎯
⎯
33
⎯
⎯
Always set this bit to 0.
0
R/W
32
NDFRST
NDFMC Reset
Resets the NAND Flash Memory controller.
0 = Normal state
1 = Reset
0
R/W
31
ETH1CKD
ETHERC1
Clock Disable
Controls clock pulses for the ETHERC1 controller.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
30
ETH0CKD
ETHERC0
Clock Disable
Controls clock pulses for the ETHERC0 controller.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
29
SPICKD
SPIC Clock
Disable
Controls clock pulses for the SPI controller.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
28
SRAMCKD
SRAMC Clock
Disable
Controls clock pulses for the internal SRAM controller.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
27
PCIC1CKD
PCIC1 Clock
Disable
Controls clock pulses for PCI controller 1.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
26
DMA1CKD
DMAC1 Clock
Disable
Controls clock pulses for the DMA controller 1.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
Figure 5.2.5 Clock Control Register (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com