Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 91Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 92Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 97Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 98Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 716 page
background image
Chapter 5 Configuration Registers
5-7
5.2.3
Pin Configuration Register (PCFG)
0xE010
For the bit fields whose initial values are set by boot configuration (refer to Section 3.2), the initial
input signal level and the corresponding register value are indicated.
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
ETH0_SEL ETH1_SEL
ATA_SEL ISA_SEL SPI_SEL NDF_SEL Reserved DRVDATA DRVCB DRVDQM DRVADDR DRVCKE DRVRAS DRVCAS DRVWE DRVCS[3]
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
~DATA[3] ~DATA[6]
0
0
0
0
ADDR[4] ADDR[4] ADDR[4] ADDR[5] ADDR[5] ADDR[5] ADDR[5] ADDR[5] ADDR[5]
: Initial value
47
45
44
41
40
39
33
32
DRVCS[2:0]
DRVCK[3:0]
DRVCKIN
Reserved
BYPASSPLL
R/W
R/W
R/W
R
: Type
ADDR[5]
ADDR[5]
ADDR[5]
BYPASSPLL*
: Initial value
31
30
29
28
27
26
23
22
21
16
Reserved
SDCLKDLY SYSCLKEN
SDCLKEN[3:0]
SDCLKINEN
PCICLKEN[5:0]
R/W
R/W
R/W
R/W
R/W
: Type
00
1
1111
0
111111
: Initial value
15
10
9
8
7
0
Reserved
SEL2 SEL1
DMASEL3
DMASEL2
DMASEL1
DMASEL0
R
R
R/W
R/W
R/W
R/W
: Type
ADDR[9] ADDR[18]
00
00
00
00
: Initial value
Bit
Mnemonic
Field Name
Description
Initial Value Read/Write
63
ETH0_SEL
Status of shared
pin
ETHERC0 Shared-pin status
Indicates the status of shared pin.
L : 1 : ETHERC0 selected
H : 0 : ETHERC0 not selected
~DATA[3]
R
62
ETH1_SEL
Status of shared
pin
ETHERC1 Shared-pin status
Indicates the status of shared pin.
L : 1 : ETHERC1 selected
H : 0 : ETHERC1 not selected
~DATA[6]
R
61
ATA_SEL
Setting of
shared pin
ATA/ISA Shared-pin setting
Specifies the status of shared pin.
1 : ATA/ISA selected
0 : ATA/ISA not selected
0
R/W
60
ISA_SEL
Setting of
shared pin
ISA Shared-pin setting
Specifies the status of shared pin.
1 : ISA selected
0 : ISA not selected
0
R/W
59
SPI_SEL
Setting of
shared pin
SPI Shared-pin setting
Specifies the status of shared pin.
1 : SPI selected
0 : SPI not selected
0
R/W
58
NDF_SEL
Setting of
shared pin
NDFMC Shared-pin setting
Specifies the status of shared pin. When use NAND Flash IPL
function, the initial value of this bit indicates 1 after booting.
1 : NDFMC selected
0 : NDFMC not selected
0
R/W
57
⎯
Reserved
⎯
⎯
⎯
Figure 5.2.3 Pin Configuration Register (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com