Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 25 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 21Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 22Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 23Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 24Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 25Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 26Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 27Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 28Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 716 page
background image
3 General Safety Precautions and Usage Considerations
3-3
• When storing printed circuit boards which have devices mounted on them, use a board container or bag that is
protected against static charge. To avoid the occurrence of static charge or discharge due to friction, keep the
boards separate from one other and do not stack them directly on top of one another.
• Ensure, if possible, that any articles (such as clipboards) which are brought to any location where the level of
static electricity must be closely controlled are constructed of anti-static materials.
• In cases where the human body comes into direct contact with a device, be sure to wear anti-static finger
covers or gloves (suggested resistance value: 108
Ω or less).
• Equipment safety covers installed near devices should have resistance ratings of 109 Ω or less.
• If a wrist strap cannot be used for some reason, and there is a possibility of imparting friction to devices, use
an ionizer.
• The transport film used in TCP products is manufactured from materials in which static charges tend to build
up. When using these products, install an ionizer to prevent the film from being charged with static electricity.
Also, ensure that no static electricity will be applied to the product’s copper foils by taking measures to
prevent static occuring in the peripheral equipment.
3.1.2
Vibration, impact and stress
Handle devices and packaging materials with care. To avoid damage to devices,
do not toss or drop packages. Ensure that devices are not subjected to
mechanical vibration or shock during transportation. Ceramic package devices
and devices in canister-type packages which have empty space inside them are
subject to damage from vibration and shock because the bonding wires are
secured only at their ends.
Plastic molded devices, on the other hand, have a relatively high level of
resistance to vibration and mechanical shock because their bonding wires are
enveloped and fixed in resin. However, when any device or package type is installed in target equipment, it is to
some extent susceptible to wiring disconnections and other damage from vibration, shock and stressed solder
junctions. Therefore when devices are incorporated into the design of equipment which will be subject to
vibration, the structural design of the equipment must be thought out carefully.
If a device is subjected to especially strong vibration, mechanical shock or stress, the package or the chip itself
may crack. In products such as CCDs which incorporate window glass, this could cause surface flaws in the
glass or cause the connection between the glass and the ceramic to separate.
Furthermore, it is known that stress applied to a semiconductor device through the package changes the
resistance characteristics of the chip because of piezoelectric effects. In analog circuit design attention must be
paid to the problem of package stress as well as to the dangers of vibration and shock as described above.
Vibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com