Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 76 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 76 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 72Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 73Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 74Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 75Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 76Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 77Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 78Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 80Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 716 page
background image
Chapter 4 Address Mapping
4-4
Table 4.2.3 Internal Registers (1/12)
Offset Address
Register Size (bit) Register Symbol
Register Name
NAND Flash Memory Controller (NDFMC)
0x5000
64
NDFDTR
NAND Flash Memory Data Transfer Register
0x5008
64
NDFMCR
NAND Flash Memory Mode Control Register
0x5010
64
NDFSR
NAND Flash Memory Status Register
0x5018
64
NDFISR
NAND Flash Memory Interrupt Status Register
0x5020
64
NDFIMR
NAND Flash Memory Interrupt Mask Register
0x5028
64
NDFSPR
NAND Flash Memory Strobe Pulse Width Register
0x5030
64
NDFRSTR
NAND Flash Memory Reset Register
SRAM Controller (SRAMC)
0x6000
64
SRAMCR
Internal SRAM Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com